Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRA724T Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRA724T
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA724T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRA724T Datasheet HTML 1Page - KEC(Korea Electronics) KRA724T Datasheet HTML 2Page - KEC(Korea Electronics) KRA724T Datasheet HTML 3Page - KEC(Korea Electronics) KRA724T Datasheet HTML 4Page - KEC(Korea Electronics) KRA724T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2002. 7. 9
2/5
KRA721T~KRA726T
Revision No : 2
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRA721T~726T
IO(OFF)
VO=-30V, VI=0
-
-
-10
A
DC Current Gain
KRA721T
GI
VO=-5V, IO=-50mA
33
-
-
KRA722T
39
-
-
KRA723T
47
-
-
KRA724T
56
-
-
KRA725T
56
-
-
KRA726T
56
-
-
Output Voltage
KRA721T~726T
VO(ON)
IO=-50mA, II=-2.5mA
-
-0.1
-0.3
V
Input Voltage (ON)
KRA721T
VI(ON)
VO=-0.3V, IO=-20mA
-
-
-3.0
V
KRA722T
-
-
-3.0
KRA723T
-
-
-3.0
KRA724T
-
-
-3.0
KRA725T
-
-
-3.0
KRA726T
-
-
-2.0
Input Voltage (OFF)
KRA721T~724T
VI(OFF)
VO=-5V, IO=-0.1mA
-0.5
-
-
V
KRA725T~726T
-0.3
-
-
Transition Frequency
KRA721T~726T
fT *
VO=-10V, IO=-5mA,
f=100MHz
-
200
-
MHz
Input Current
KRA721T
II
VI=-5V
-
-
-7.2
mA
KRA722T
-
-
-3.8
KRA723T
-
-
-1.8
KRA724T
-
-
-0.88
KRA725T
-
-
-7.2
KRA726T
-
-
-3.6
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : * Characteristic of Transistor Only.


Similar Part No. - KRA724T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA724E KEC-KRA724E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA724U KEC-KRA724U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRA724T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA221S KEC-KRA221S Datasheet
573Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA221M KEC-KRA221M Datasheet
742Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com