Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR8300FP-CC Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NR8300FP-CC
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NR8300FP-CC Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button NR8300FP-CC_15 Datasheet HTML 3Page - Renesas Technology Corp NR8300FP-CC_15 Datasheet HTML 4Page - Renesas Technology Corp NR8300FP-CC_15 Datasheet HTML 5Page - Renesas Technology Corp NR8300FP-CC_15 Datasheet HTML 6Page - Renesas Technology Corp NR8300FP-CC_15 Datasheet HTML 7Page - Renesas Technology Corp NR8300FP-CC_15 Datasheet HTML 8Page - Renesas Technology Corp NR8300FP-CC_15 Datasheet HTML 9Page - Renesas Technology Corp NR8300FP-CC_15 Datasheet HTML 10Page - Renesas Technology Corp NR8300FP-CC_15 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet P10116EJ01V0DS
5
NR8300FP-CC
TYPICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
WAVELENGTH DEPENDENCE
Wavelength
λ ( m)
µ
Case Temperature TC (
°C)
TEMPERATURE DEPENDENCE
OF QUANTUM EFFICIENCY
OF RESPONSIVITY
Reverse Voltage VR (V)
DARK CURRENT AND PHOTO CURRENT
vs. REVERSE VOLTAGE
DARK CURRENT vs. REVERSE VOLTAGE
Reverse Voltage VR (V)
MULTIPLICATION FACTOR vs.
REVERSE VOLTAGE
Reverse Voltage VR (V)
100
80
60
40
20
0
0.9
1.0
1.1
1.3
1.2
1.4
1.5
1.6
1.7
10
0
–10
–60
–40
–20
0
20
40
60
80
100
0
20
40
60
80
100
10
–6
10
–7
10
–8
10
–9
10
–10
TC = +85˚C
+65˚C
+25˚C
–20˚C
0
20
40
60
80
100
10
3
10
2
10
1
10
0
TC = +85˚C
+65˚C
+25˚C
–20˚C
λ = 1 310 nm,
Ipo = 1.0 A
µ
= 1 310 nm
Iph
ID
0
20
40
60
100
80
10
–9
10
–8
10
–7
10
–6
10
–5
10
–4
10
–3
10
–10


Similar Part No. - NR8300FP-CC_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR8300FP-CC-AZ CEL-NR8300FP-CC-AZ Datasheet
218Kb / 5P
   NECs 30 Um InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
NR8300FP-CC CEL-NR8300FP-CC_07 Datasheet
218Kb / 5P
   NECs 30 Um InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
More results

Similar Description - NR8300FP-CC_15

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
logo
California Eastern Labs
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com