Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5753 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5753
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5753 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5753_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5753_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5753_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5753_15 Datasheet HTML 9Page - Renesas Technology Corp 2SC5753_15 Datasheet HTML 10Page - Renesas Technology Corp 2SC5753_15 Datasheet HTML 11Page - Renesas Technology Corp 2SC5753_15 Datasheet HTML 12Page - Renesas Technology Corp 2SC5753_15 Datasheet HTML 13Page - Renesas Technology Corp 2SC5753_15 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Data Sheet P15659EJ1V0DS
8
2SC5753
VCE = 3 V, IC = 3 mA, ZO = 50
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
0.902
0.874
0.830
0.789
0.748
0.722
0.701
0.685
0.673
0.665
0.666
0.659
0.660
0.661
0.665
0.667
0.670
0.675
0.680
0.684
0.691
0.695
0.697
0.705
0.708
0.716
0.724
0.732
0.740
0.736
−21.1
−44.6
−64.7
−81.9
−96.5
−109.6
−121.0
−130.4
−139.6
−147.3
−154.7
−161.0
−167.2
−172.5
−177.9
177.6
173.3
169.4
165.4
161.4
158.3
154.9
152.1
149.1
146.2
143.6
140.9
138.6
136.7
133.9
9.755
9.014
8.271
7.402
6.634
5.921
5.351
4.816
4.407
4.033
3.729
3.449
3.212
2.989
2.795
2.623
2.469
2.320
2.193
2.063
1.968
1.861
1.778
1.694
1.615
1.537
1.468
1.403
1.345
1.296
165.3
150.2
136.9
126.0
116.5
108.6
101.3
95.2
89.4
83.9
78.9
74.6
69.8
65.5
61.5
57.4
53.6
49.9
46.3
42.4
38.9
35.5
32.3
28.8
25.6
22.7
19.6
16.7
14.0
11.3
0.023
0.046
0.063
0.075
0.083
0.088
0.092
0.093
0.094
0.094
0.094
0.093
0.092
0.090
0.089
0.087
0.085
0.083
0.082
0.080
0.079
0.078
0.077
0.076
0.076
0.076
0.078
0.082
0.082
0.081
74.9
64.7
53.2
44.8
37.1
31.1
26.5
22.5
19.0
16.5
13.9
12.2
10.3
9.1
8.1
7.4
7.0
6.9
7.2
7.5
9.0
10.3
12.1
13.9
15.8
18.1
20.6
21.5
20.3
21.9
0.981
0.924
0.862
0.787
0.724
0.663
0.619
0.578
0.550
0.524
0.507
0.491
0.483
0.473
0.469
0.461
0.462
0.457
0.462
0.460
0.470
0.472
0.484
0.487
0.497
0.503
0.512
0.516
0.518
0.520
−11.4
−22.2
−31.3
−39.0
−45.2
−50.5
−54.6
−58.8
−62.5
−66.0
−69.5
−73.0
−76.3
−80.0
−83.4
−87.0
−90.6
−94.2
−98.1
−101.8
−105.9
−109.5
−113.3
−116.7
−120.4
−123.8
−127.6
−130.9
−133.7
−136.8
0.086
0.086
0.140
0.178
0.234
0.281
0.326
0.381
0.427
0.483
0.519
0.579
0.624
0.681
0.729
0.794
0.849
0.917
0.967
1.040
1.064
1.134
1.177
1.218
1.257
1.273
1.250
1.218
1.229
1.333
26.28
22.90
21.18
19.94
19.02
18.28
17.66
17.15
16.70
16.33
15.99
15.70
15.43
15.19
14.98
14.79
14.62
14.44
14.29
12.87
12.41
11.57
11.10
10.67
10.24
9.89
9.71
9.54
9.27
8.59


Similar Part No. - 2SC5753_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5753-T2 RENESAS-2SC5753-T2 Datasheet
223Kb / 22P
   NPN SILICON RF TRANSISTOR
2001
More results

Similar Description - 2SC5753_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5751 RENESAS-2SC5751_15 Datasheet
217Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5754 NEC-2SC5754 Datasheet
89Kb / 13P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
Renesas Technology Corp
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
NEC
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com