Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRA561U Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KRA561U
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA561U Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KRA561U Datasheet HTML 1Page - KEC(Korea Electronics) KRA561U Datasheet HTML 2Page - KEC(Korea Electronics) KRA561U Datasheet HTML 3Page - KEC(Korea Electronics) KRA561U Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2002. 7. 9
4/4
KRA560U~KRA564U
Revision No : 3
COLLECTOR CURRENT I (mA)
-0.3
10
-0.1
50
30
100
-10
V =-5V
Ta=-25 C
-1
CE
-3
-100
-30
C
1k
500
300
2k
Ta=25 C
Ta=100 C
h
- IC
FE
COLLECTOR CURRENT I (mA)
C
h
- IC
FE
KRA563U
COLLECTOR CURRENT I
(mA)
Ta=100 C
-0.3
Ta=-25 C
-0.1
-0.05
-0.03
-0.01
-0.1
-1
Ta=25 C
-3
-10
-100
-30
C
I /I =20
KRA563U
-0.5
-0.3
-1
-2
B
C
V
- I
CE(sat)
C
COLLECTOR CURRENT I
(mA)
C
V
- I
CE(sat)
C
-0.3
10
-0.1
50
30
100
-10
V =-5V
Ta=-25 C
-1
CE
-3
-100
-30
1k
500
300
2k
Ta=25 C
Ta=100 C
KRA564U
Ta=100 C
-0.3
Ta=-25 C
-0.1
-0.05
-0.03
-0.01
-0.1
-1
Ta=25 C
-3
-10
-100
-30
I /I =20
KRA564U
-0.5
-0.3
-1
-2
B
C


Similar Part No. - KRA561U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA561E KEC-KRA561E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRA561U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA751U KEC-KRA751U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com