Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDTA114WET1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LDTA114WET1G
Description  Bias Resistor Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA114WET1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LDTA114WET1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTA114WET1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTA114WET1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
COLLECTOR
2
EMITTER
1
BASE
R1
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Shipping
L6
10
3000/Tape & Reel
LESHAN RADIO COMPANY, LTD.
1/3
10000/Tape & Reel
We declare that the material of product compliance with
RoHS requirements.
LDTA114WET1G
.
LDTA114WET1G
LDTA114WET3G
4.7
L6
R2
Applications
Inverter, Interface, Driver
Features
1) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors.
2) The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the input,
and parasitic effects are almost completely eliminated.
3) Only the on / off conditions need to be set for operation,
making the device design easy.
4) Higher mounting densities can be achieved.
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCC
VI
IO
IC(Max.)
P D
Tj
Tstg
Limits
−50
−30 to +10
−100
−100
200
150
−55 to +150
Unit
V
V
mA
mW
°C
°C
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
10
4.7
External characteristics (Unit: mm)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VI(off)
VO(on)
II
IO(off)
GI
fT
R1
24
7
−0.1
250
10
−0.8
−0.3
−0.88
−0.5
13
V
V
mA
µA
MHz
k
VCC
= −5V , IO= −100µA
VI(on)
−3
−−
VO
= −0.3V , IO= −2mA
IO
= −10mA , II= −0.5mA
VI
= −5V
VCC
= −50V , VI=0V
IO
= −10mA , VO= −5V
VCE
= −10V , IE=5mA , f=100MHz
R2/R1
0.37
0.47
0.57
−−
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Input resistance
Resistance ratio
Characteristics of built-in transistor
1
2
3
SC-89


Similar Part No. - LDTA114WET1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTA114WET1G LRC-LDTA114WET1G Datasheet
317Kb / 3P
   Bias Resistor Transistor
More results

Similar Description - LDTA114WET1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com