Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1756 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM1756
Description  The EVAL6480H-DISC and EVAL6482H-DISC are low cost development tools based
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1756 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM1756 Datasheet HTML 40Page - STMicroelectronics UM1756 Datasheet HTML 41Page - STMicroelectronics UM1756 Datasheet HTML 42Page - STMicroelectronics UM1756 Datasheet HTML 43Page - STMicroelectronics UM1756 Datasheet HTML 44Page - STMicroelectronics UM1756 Datasheet HTML 45Page - STMicroelectronics UM1756 Datasheet HTML 46Page - STMicroelectronics UM1756 Datasheet HTML 47Page - STMicroelectronics UM1756 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Programming section
UM1756
44/49
DocID026263 Rev 2
Initialization and configuration
1.
Initialize peripherals
2.
LED_READY (GREEN) is lighted up, other LEDs are switched off.
3.
LED check sequence:
a)
LED_ERROR (RED) is switched ON
b)
LED_BUSY (ORANGE) is switched ON
c)
LED_SPARE (YELLOW) is switched ON
d)
LED_ERROR (RED), LED_BUSY (ORANGE) and LED_SPARE (YELLOW) are
switched OFF
4.
Resets and puts device into standby mode. The STBY_RESET pin goes low for a few
hundreds of
s and then goes high.
5.
Program all registers | SetParam (PARAM, VALUE).
Flag signal management
6.
Read Status register content | GetStatus
7.
Interrupt configuration for FLAG signal
8.
Motor runs at constant speed of 400 steps/s forward direction | Run (DIR, SPD)
9.
Tentative to write to the current motor absolute position register while the motor is
running, as a consequence the LED_ERROR (RED) is lighted up | SetParam
(PARAM, VALUE)
10. Get Status to clear FLAG due to non-performable command, as a consequence the
LED_ERROR (RED) is switched off | GetStatus
11. Motor stops smoothly | SoftStop
12. Wait until not busy - busy pin test (L648x pin 22).
Busy signal management
13. Interrupt configuration for BUSY signal
14. Motor moves by 100,000 steps in reverse direction | Move (DIR, N_STEP)
15. During busy time the LED_BUSY (ORANGE) is switched ON
16. Device disables the power bridges after a deceleration to zero phase | SoftHiZ
17. LED_BUSY (ORANGE) is switched OFF.
The LED_BUSY after the point 7 and the LED_ERROR after the point 13 are tied
respectively to the BUSY/SYNC pin and the FLAG pin. So for example they are lighted up
when the motor accelerates or decelerates. This is happening in the remaining part of the
demonstration although not mentioned.
Various application commands examples
18. Motor moves by 60,000 steps forward | Move (DIR, N_STEP)
19. Wait until not busy - busy pin test (pin 22).
20. The L6480 only: sends the device command setting hold duty cycle to 0.5%, sends the
device command changing hold current to 40 mA.
The L6482 only: sends the device command setting hold current to 40 mA, sends the
device command setting run current to 200 mA.| SetParam (PARAM, VALUE).


Similar Part No. - UM1756

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1750S-00 UNIONSEMI-UM1750S-00 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
UM1750S-10 UNIONSEMI-UM1750S-10 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
UM1750S-11 UNIONSEMI-UM1750S-11 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
UM1750S-12 UNIONSEMI-UM1750S-12 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
UM1750S-13 UNIONSEMI-UM1750S-13 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
More results

Similar Description - UM1756

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1771 STMICROELECTRONICS-UM1771 Datasheet
1Mb / 38P
   The EVAL6474H-DISC is a low cost development tool based
UM1685 STMICROELECTRONICS-UM1685 Datasheet
1Mb / 31P
   EVAL6480H and EVAL6482H: high power microstepping motor drivers
logo
MERITEK ELECTRONICS COR...
CPTL MERITEK-CPTL Datasheet
1Mb / 17P
   CPTD type are bare disc type
logo
NXP Semiconductors
CODEWARRIORPRDS NXP-CODEWARRIORPRDS Datasheet
416Kb / 9P
   Development Tools
REV 0
logo
Microchip Technology
MA180016 MICROCHIP-MA180016 Datasheet
104Kb / 2P
   PIC18F Development Tools
12/06
MA180016 MICROCHIP-MA180016 Datasheet
104Kb / 2P
   PIC18F Development Tools
12/06
logo
STMicroelectronics
ST20 STMICROELECTRONICS-ST20 Datasheet
129Kb / 21P
   ST20 software development and debugging tools
logo
Microchip Technology
MPLABXC8 MICROCHIP-MPLABXC8 Datasheet
5Mb / 12P
   Integrated Development Environment and Software Tools
Spring 2012
logo
Dubilier
WD DUBILIER-WD Datasheet
359Kb / 6P
   CERAMIC DISC
logo
Pepperl+Fuchs Inc.
MH-BT65-SD-01 PF-MH-BT65-SD-01 Datasheet
954Kb / 1P
   Distance disc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com