Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1706-81 Datasheet(PDF) 4 Page - Linear Technology

Part No. LTC1706-81
Description  5-Bit Desktop VID Voltage Programmer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1706-81 Datasheet(HTML) 4 Page - Linear Technology

  LTC1706-81_15 Datasheet HTML 1Page - Linear Technology LTC1706-81_15 Datasheet HTML 2Page - Linear Technology LTC1706-81_15 Datasheet HTML 3Page - Linear Technology LTC1706-81_15 Datasheet HTML 4Page - Linear Technology LTC1706-81_15 Datasheet HTML 5Page - Linear Technology LTC1706-81_15 Datasheet HTML 6Page - Linear Technology LTC1706-81_15 Datasheet HTML 7Page - Linear Technology LTC1706-81_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1706-81
VID0 (Pin 1): LSB Programming Input. Low = GND,
High = VCC or Float. Grounding VID0 adds 50mV
(VID4 = LOW) or 100mV (VID4 = HIGH) to the output
sense voltage.
VID1 (Pin 2): 3rd MSB Programming Input. Low = GND,
High = VCC or Float. Grounding VID1 adds 100mV
(VID4 = LOW) or 200mV (VID4 = HIGH) to the output
sense voltage.
VID2 (Pin 3): 2nd MSB Programming Input. Low = GND,
High = VCC or Float. Grounding VID2 adds 200mV
(VID4 = LOW) or 400mV (VID4 = HIGH) to the output
sense voltage.
VID3 (Pin 4): MSB Programming Input. Low = GND,
High = VCC or Float. Grounding VID3 adds 400mV
(VID4 = LOW) or 800mV (VID4 = HIGH) to the output
sense voltage.
VCC (Pin 5): Power Supply Voltage. Range from 2.7V to
5.5V.
SENSE (Pin 6): Regulator Output Voltage. Connect
directly to regulator output sense node or, when used with
the LTC1629 and LTC1929 to VDIFFOUT.
VID4 (Pin 7): High-Low Output Range Programming
Input. VID4 = Low puts the output voltage in the lower
range of 1.3V to 2.05V in 50mV steps. VID4 = HIGH puts
the output voltage in the upper range of 2.1V to 3.5V in
100mV steps.
NC (Pin 8): No Connect.
GND (Pin 9): Ground. Connect to regulator signal ground.
FB (Pin 10): Feedback Input. Connect to the 0.8V feedback
pin of a compatible regulator or the EAIN pin of the
LTC1629 and LTC1929.
NOMINAL (V)
ABSOLUTE MAX (V)
PIN
NAME
DESCRIPTION
MIN
TYP
MAX
MIN
MAX
1
VID0
LSB Programmable Input
0
VCC
– 0.3
7
2
VID1
3rd MSB Programmable Input
0
VCC
– 0.3
7
3
VID2
2nd MSB Programmable Input
0
VCC
– 0.3
7
4
VID3
1st MSB Programmable Input
0
VCC
– 0.3
7
5VCC
Power Supply
2.7
5.5
– 0.3
7
6
SENSE
Regulator Output Voltage
1.3
3.5
– 0.3
7
7
VID4
Output Range Programmable Input
0
VCC
– 0.3
7
8NC
9
GND
Ground
0
– 0.3
7
10
FB
0.8V Feedback Input
0
0.8
1.5
– 0.3
7
PIN FUNCTIONS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn