Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1706-81 Datasheet(PDF) 3 Page - Linear Technology

Part No. LTC1706-81
Description  5-Bit Desktop VID Voltage Programmer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1706-81 Datasheet(HTML) 3 Page - Linear Technology

  LTC1706-81_15 Datasheet HTML 1Page - Linear Technology LTC1706-81_15 Datasheet HTML 2Page - Linear Technology LTC1706-81_15 Datasheet HTML 3Page - Linear Technology LTC1706-81_15 Datasheet HTML 4Page - Linear Technology LTC1706-81_15 Datasheet HTML 5Page - Linear Technology LTC1706-81_15 Datasheet HTML 6Page - Linear Technology LTC1706-81_15 Datasheet HTML 7Page - Linear Technology LTC1706-81_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1706-81
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT VOLTAGE (V)
1.3
1706-81 G01
0.25
0
–0.25
1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5
TA = 25°C
VID4 = 0
VID4 = 1
TEMPERATURE (
°C)
–50
0
50
100
1706-81 G02
0.25
0
–0.25
VOUT = 2V
VOUT = 1.7V
VOUT = 1.3V
VOUT = 3.5V
Typical Error % vs Output Voltage
Typical Error % vs Temperature
TEMPERATURE (
°C)
–50
0
50
100
1706-81 G03
30
20
10
0
TEMPERATURE (
°C)
–50
0
50
100
1706-81 G04
120
100
80
60
40
20
0
VCC = 5V
VID4 = 0V
VID0 = VID1 = VID2 = VID3 = OPEN
RFB1 vs Temperature
IVID-PULLUP vs Temperature
TEMPERATURE (
°C)
–50
0
50
100
1706-81 G05
2.0
1.5
1.0
0.5
0
VCC = 2.7V
VCC = 5V
ALL VID INPUTS OPEN
VCC = 3.3V
SUPPLY VOLTAGE (V)
02468
1706-81 G06
5
4
3
2
1
0
ALL VID INPUTS OPEN
TA = 25°C
Supply Current vs Temperature
Supply Current vs Supply Voltage


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn