Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1706-81 Datasheet(PDF) 1 Page - Linear Technology

Part No. LTC1706-81
Description  5-Bit Desktop VID Voltage Programmer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1706-81 Datasheet(HTML) 1 Page - Linear Technology

  LTC1706-81_15 Datasheet HTML 1Page - Linear Technology LTC1706-81_15 Datasheet HTML 2Page - Linear Technology LTC1706-81_15 Datasheet HTML 3Page - Linear Technology LTC1706-81_15 Datasheet HTML 4Page - Linear Technology LTC1706-81_15 Datasheet HTML 5Page - Linear Technology LTC1706-81_15 Datasheet HTML 6Page - Linear Technology LTC1706-81_15 Datasheet HTML 7Page - Linear Technology LTC1706-81_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1706-81
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATION
5-Bit VID-Controlled High Current 4-Phase Application (Simplified Block Diagram)
5-Bit Desktop VID
Voltage Programmer
s
Programs Regulator Output Voltage Range from
1.3V to 2.05V in 50mV Steps and from 2.1V to 3.5V
in 100mV Steps (VRM 8.4)
s
Programs a Wide Range of Linear Technology
DC/DC Converters with a 0.8V Reference
s
Fully Compliant with the Intel Pentium
® Processor
Desktop VID Specification
s
±0.25% Accurate Output Voltage
s
Built-In 40k Pull-Up Resistors on VID Inputs
s
Available in MSOP-10 Package
The LTC
®1706-81 is a precision, digitally programmed,
resistive ladder which adjusts the output of any 0.8V
referenced regulator. Depending on the state of the five
VID inputs, an output voltage between 1.3V and 3.5V is
programmed in 50mV and 100mV increments.
The LTC1706-81 is designed specifically to program
an entire family of Linear Technology DC/DC converters in
full compliance with the Intel Desktop (VRM 8.4) VID
specification.
The LTC1706-81 programs the following Linear
Technology DC/DC converter products: LTC1622,
LTC1628, LTC1629, LTC1702, LTC1735, LTC1735-1,
LTC1772 and LTC1929. (Consult factory for future com-
patible DC/DC converter products.)
s
Intel Pentium II and III Processor Power Supply
s
AMD Athlon
TM Processor Power Supply
s
Workstations and Servers
s
Large Memory Array Supply
1706-81 TA01
L1
RSENSE1
VIN
VIN
4.5V TO 22V
VIN
4.5V TO 22V
LTC1629
INTVCC
VDIFFOUT
SGND
EAIN
COUT
VIN
TG1
SW1
BG1
PGND
+
VOUT
1.3V TO 3.5V
UP TO 70A
VID0
VID1
VID2
VID3
VID4
VCC
LTC1706-81
GND
SENSE
FB
FROM
µP
L2
RSENSE2
L3
RSENSE3
VIN
LTC1629
SGND
EAIN
VIN
TG1
SW1
BG1
PGND
L4
RSENSE4
TG2
SW2
BG2
TG2
SW2
BG2
, LTC and LT are registered trademarks of Linear Technology Corporation.
Pentium is a registered trademark of Intel Corporation.
AMD Athlon is a trademark of Advanced Micro Devices, Inc.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn