Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1706-81 Datasheet(PDF) 7 Page - Linear Technology

Part No. LTC1706-81
Description  5-Bit Desktop VID Voltage Programmer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1706-81 Datasheet(HTML) 7 Page - Linear Technology

  LTC1706-81_15 Datasheet HTML 1Page - Linear Technology LTC1706-81_15 Datasheet HTML 2Page - Linear Technology LTC1706-81_15 Datasheet HTML 3Page - Linear Technology LTC1706-81_15 Datasheet HTML 4Page - Linear Technology LTC1706-81_15 Datasheet HTML 5Page - Linear Technology LTC1706-81_15 Datasheet HTML 6Page - Linear Technology LTC1706-81_15 Datasheet HTML 7Page - Linear Technology LTC1706-81_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1706-81
APPLICATIONS INFORMATION
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.021
± 0.006
(0.53
± 0.015)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.040
± 0.006
(1.02
± 0.15)
0.009
(0.228)
REF
0.006
± 0.004
(0.15
± 0.102)
0.034
± 0.004
(0.86
± 0.102)
0.0197
(0.50)
BSC
MSOP (MS10) 1098
12 3 45
0.193
± 0.006
(4.90
± 0.15)
8
9
10
7 6
0.118
± 0.004*
(3.00
± 0.102)
0.118
± 0.004**
(3.00
± 0.102)
MS10 Package
10-Lead Plastic MSOP
(LTC DWG # 05-08-1661)
When a VID input is grounded, there will be a higher
quiescent current flow from VCC because of a resistor from
VCC through a series diode to each one of the inputs. This
increase in quiescent current is calculated from:
IQ = N(VCC – VDIODE)/RPULLUP
N is the number of grounded VID inputs. VDIODE is typically
0.6V while RPULLUP has a typical pull-up resistance of
40k
Ω.
In other words, each VID input has a typical pull-up current
of 68
µA for a 3.3V system.
Besides the LTC1629, the LTC1706-81 also programs a
whole family of LTC DC/DC converters that have an onboard
0.8V reference. The LTC1628, LTC1735, LTC1622,
LTC1772 and LTC1929 are just a few of the high efficiency
step-down switching regulators that will work equally well
with the LTC1706-81.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn