Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1011-BD Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # XR1011-BD
Description  Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XR1011-BD Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  XR1011-BD_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XR1011-BD_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XR1011-BD_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XR1011-BD_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XR1011-BD_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4.5-10.5 GHz GaAs MMIC
Receiver
Integrated LNA, Mixer and LO Buffer Amp
1.6 dB Noise Figure
14.0 dB Conversion Gain
BCB Coated Die
100% RF, DC and NF Testing
100% Commercial-Level Visual Inspection Using
Mil-Std-883 Method 2010
Features
Absolute Maximum Ratings1
Supply Voltage (Vdd)
Supply Current (Idd)
Gate Voltage (Vgg)
Max Power Dissipation (Pdiss)
RF Input Power (Pin)
LO Input Power (Pin)
Operating Temperature (Ta)
Storage Temperature (Tstg)
Channel Temperature (Tch)
+4.3 VDC
180 mA
-3 V
750 mW
+14 dBm
+15 dBm
-55 to +85 ºC
-65 to +165 ºC
175 °C
Page 1 of 5
(1) Operation of this device above any one of these parameters
may cause permanent damage
(2) Channel temperature directly affects a device’s MTTF.
Channel temperature should be kept as low as possible to
maximize lifetime
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (RF/LO)
Frequency Range (IF)
Conversion Gain (CG)
Noise Figure (NF)
Input Third Order Intercept (IIP3)
Image Rejection
LO Input Drive
LO/RF Isolation
RF Input Return Loss
LO Input Return Loss
IF Input Return Loss
Drain Bias Voltage (Vd1,2,3)
Gate Bias Voltage (Vg1,2,3)3
Gate Bias Voltage (Vg4)4
Supply Current (Id1)
Supply Current (Id2)
Supply Current (Id3)
Supply Current (Ig4)
Units
GHz
GHz
dB
dB
dBm
dBc
dBm
dB
dB
dB
dB
VDC
VDC
VDC
mA
mA
mA
mA
Min.
4.5
DC
12.05
13.05
-1.2
Typ.
-
-
14.0
1.6
2.0
20.0
5.0
50.0
10.0
10.0
10.0
4.0
-0.3
-2.0
25.0
45.0
60.0
2.0
Max.
10.5
3.5
2.05
4.0
0.2
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
R1011-BD
Mimix Broadband’s 4.5-10.5 GHz receiver has a noise figure of
1.6 dB and 14.0 dB conversion gain across the band. The device
integrates an LNA, image reject mixer and LO buffer amplifier
within a single, compact MMIC. The image reject mixer
eliminates the need for a bandpass filter after the LNA to
remove thermal noise at the image frequency. I and Q mixer
outputs are provided and an external 90 degree hybrid is
required to select the desired sideband. This device uses Mimix
Broadband’s GaAs PHEMT device model technology, and is
based upon electron beam lithography to ensure high
repeatability and uniformity. This device is well suited for
Point-to-Point Radio, LMDS, SATCOM and VSAT applications.
General Description
September 2009 - Rev 11-Sep-09
(3) Vg1,2 and 3 are adjusted to achieve constant drain current regulation.
(4) Vg4 provides mixer bias and is fixed at -2.0V.
(5) 100% RF tested at 6.5-8.5 GHz.


Similar Part No. - XR1011-BD_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1011-BD MIMIX-XR1011-BD_09 Datasheet
381Kb / 5P
   4.5-10.5 GHz GaAs MMIC
More results

Similar Description - XR1011-BD_15

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
   Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
   Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
   Receiver
7/13/22
logo
Renesas Technology Corp
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
   RECEIVER
1995
NR3315TA RENESAS-NR3315TA Datasheet
235Kb / 9P
   RECEIVER
2009
logo
Projects Unlimited, Inc...
AR027150MR-R PUI-AR027150MR-R Datasheet
216Kb / 1P
   Receiver
logo
Festo Corporation.
537709 FESTO-537709 Datasheet
92Kb / 2P
   Receiver
7/13/22
logo
Renesas Technology Corp
NR3470MU-CC RENESAS-NR3470MU-CC Datasheet
213Kb / 10P
   RECEIVER
2002
NDL5522P RENESAS-NDL5522P Datasheet
204Kb / 10P
   RECEIVER
1992
logo
Festo Corporation.
537710 FESTO-537710 Datasheet
104Kb / 2P
   Receiver
7/13/22
logo
Renesas Technology Corp
NDL5592P RENESAS-NDL5592P Datasheet
201Kb / 10P
   RECEIVER
1997
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com