Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1565-31 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1565-31
Description  650kHz Continuous Time, Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1565-31 Datasheet(HTML) 3 Page - Linear Technology

  LTC1565-31 Datasheet HTML 1Page - Linear Technology LTC1565-31 Datasheet HTML 2Page - Linear Technology LTC1565-31 Datasheet HTML 3Page - Linear Technology LTC1565-31 Datasheet HTML 4Page - Linear Technology LTC1565-31 Datasheet HTML 5Page - Linear Technology LTC1565-31 Datasheet HTML 6Page - Linear Technology LTC1565-31 Datasheet HTML 7Page - Linear Technology LTC1565-31 Datasheet HTML 8Page - Linear Technology LTC1565-31 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC1565-31
3
156531fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Bias Current
0.1
0.3
0.6
μA
Input Offset Current
±10
nA
Input Resistance
Common Mode, VIN = 2.5V
Differential
75
145
Input Capacitance
3pF
Output DC Offset (Note 3)
VS = 5V
VS = ±5V (Note 5)
±5
±5
±12
±12
mV
mV
Output DC Offset Drift
VS = 5V
VS = ±5V
–400
–400
μV/°C
μV/°C
Ground Voltage (Pin 3) in
Single Supply Applications
VS = 5V
l
2.49
2.51
2.52
V
SHDN Pin Logic Thresholds
VS = 5V, Minimum Logical “1”
VS = 5V, Maximum Logical “0”
l
l
3.3
4.2
V
V
VS = ±5V, Minimum Logical “1”
VS = ±5V, Maximum Logical “0”
l
l
2.4
2.9
V
V
SHDN Pin Pull-Up Current
VS = 5V
VS = ±5V
5
9
μA
μA
Power Supply Current
VS = 5V
VS = ±5V
l
l
24
25
31
33
mA
mA
Power Supply Current in Shutdown Mode
Shutdown. Includes SHDN Pull-Up Current
VS = 5V
VS = ±5V
l
l
8
20
16
40
μA
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, RLOAD = 10k from each output to AC ground, and Pin 5 open
unless otherwise specified.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Input and output voltages expressed as peak-to-peak numbers are
assumed to be fully differential.
Note 3: Output DC offset is measured between Pin 8 and Pin 7 with Pin 1
and Pin 2 connected to Pin 3.
Note 4: Thermal resistance varies depending upon the amount of PC board
metal attached to the device. θJA is specified for a 3.8 square inch test
board covered with 2 oz copper on both sides.
Note 5: Output DC offset measurements are performed by automatic test
equipment approximately 0.5 seconds after application of power.
Frequency Response
FREQUENCY (Hz)
104
105
106
107
1565 G01
10
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
2.0
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
1.9
GAIN
DELAY
FREQUENCY (Hz)
25k
–4.5
–3.5
–2.5
–1.5
–0.5
100k
1M
1565 G02
0.5
GAIN
–4.0
–3.0
–2.0
DELAY
–1.0
0
1.0
1.2
1.4
1.6
1.8
2.0
1.1
1.3
1.5
1.7
1.9
5V
±5V
TA = 25°C
Passband Gain and Delay
vs Frequency


Similar Part No. - LTC1565-31

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LTC1565-31 LINER-LTC1565-31 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31CS8 LINER-LTC1565-31CS8 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31CS8 LINER-LTC1565-31CS8 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
More results

Similar Description - LTC1565-31

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1565-31 LINER-LTC1565-31_1 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
logo
KR Electronics, Inc.
2160-8-50 KR-2160-8-50 Datasheet
25Kb / 1P
   Linear Phase Lowpass Filter
logo
Linear Technology
LTC1566-1 LINER-LTC1566-1_15 Datasheet
140Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
logo
KR Electronics, Inc.
2158-8-50 KR-2158-8-50 Datasheet
26Kb / 1P
   Linear Phase Lowpass Filter
logo
Linear Technology
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com