Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1514-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1514-5
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1514-5 Datasheet(HTML) 3 Page - Linear Technology

  LTC1514-5 Datasheet HTML 1Page - Linear Technology LTC1514-5 Datasheet HTML 2Page - Linear Technology LTC1514-5 Datasheet HTML 3Page - Linear Technology LTC1514-5 Datasheet HTML 4Page - Linear Technology LTC1514-5 Datasheet HTML 5Page - Linear Technology LTC1514-5 Datasheet HTML 6Page - Linear Technology LTC1514-5 Datasheet HTML 7Page - Linear Technology LTC1514-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1514-3.3/LTC1514-5
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1514-3.3
Efficiency vs Output Current
INPUT VOLTAGE (V)
0
250
200
150
100
50
0
8
1514 G03
2
4
6
10
VOUT = 3.3V
IOUT = 10mA
TA = 25°C
COUT = 10µF
COUT = 22µF
COUT = 47µF
LTC1514-3.3 Output Voltage
Ripple vs Input Voltage
OUTPUT CURRENT (mA)
0.01
1
10
1514 G02
0.1
100
100
80
60
40
20
0
VOUT = 5V
TA = 25°C
VIN = 8V
VIN = 3.3V
VIN = 6V
VIN = 2.7V
LTC1514-5
Efficiency vs Output Current
OUTPUT CURRENT (mA)
0.01
1
10
1514 G01
0.1
100
100
80
60
40
20
0
VOUT = 3.3V
TA = 25°C
VIN = 2V
VIN = 4.4V
VIN = 2.7V
VIN = 6V
LTC1514-5 Output Voltage Ripple
vs Input Voltage
LTC1514-5 Operating Current
vs Input Voltage
LTC1514-3.3 Output Voltage
vs Input Voltage
INPUT VOLTAGE (V)
0
250
200
150
100
50
0
8
1514 G04
2
4
6
10
VOUT = 5V
IOUT = 10mA
TA = 25°C
COUT = 10µF
COUT = 47µF
COUT = 22µF
INPUT VOLTAGE (V)
0
3.45
3.40
3.35
3.30
3.25
3.20
8
1514 G05
2
4
6
10
VOUT = 3.3V
COUT = 10µF
TA = 25°C
INPUT VOLTAGE (V)
0
120
100
80
60
40
20
8
1514 G06
2
4
6
10
85
°C
–40
°C
25
°C
VOUT = 5V
IOUT = 0mA
LTC1514-5
Efficiency vs Input Voltage
INPUT VOLTAGE (V)
0
100
80
60
40
20
8
1514 G07
2
4
6
10
VOUT = 3.3V
IOUT = 10mA
TA = 25°C
INPUT VOLTAGE (V)
2
100
80
60
40
20
10
1514 G08
4
6
8
12
VOUT = 5V
IOUT = 10mA
TA = 25°C
LTC1514-3.3
Efficiency vs Input Voltage
LTC1514-X Shutdown Supply
Current vs Input Voltage
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
8
1514 G09
2
4
6
10
85
°C
–40
°C
SHDN = 0V
25
°C


Similar Part No. - LTC1514-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Linear Integrated Syste...
LTC1514-X LINEAR-LTC1514-X Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
More results

Similar Description - LTC1514-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1515 LINER-LTC1515_15 Datasheet
219Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1515 LINER-LTC1515 Datasheet
233Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com