Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1477 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1477
Description  Single and Dual Protected High Side Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1477 Datasheet(HTML) 3 Page - Linear Technology

  LTC1477 Datasheet HTML 1Page - Linear Technology LTC1477 Datasheet HTML 2Page - Linear Technology LTC1477 Datasheet HTML 3Page - Linear Technology LTC1477 Datasheet HTML 4Page - Linear Technology LTC1477 Datasheet HTML 5Page - Linear Technology LTC1477 Datasheet HTML 6Page - Linear Technology LTC1477 Datasheet HTML 7Page - Linear Technology LTC1477 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1477/LTC1478
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current (ON)
Switch Resistance
Switch Resistance (5V)
SUPPLY VOLTAGE (V)
0
0
50
100
150
200
300
1
23
4
LTC1477/1478 • TPC01
56
250
TA = 25°C
OUTPUT TURNED ON, NO LOAD
INPUT VOLTAGE (V)
1
0
0.05
0.10
0.15
0.20
0.30
2
34
5
LTC1477/1478 • TPC02
67
0.25
TA = 25°C
VIN2 = VIN3 = NC
ALL VIN PINS
CONNECTED
JUNCTION TEMPERATURE (
°C)
0
0
0.05
0.10
0.15
0.20
0.25
0.30
25
50
75
100
LTC1477/1478 • TPC03
125
VINS = VIN1 = 5V
VIN2 = VIN3 = NC
ALL VIN PINS = 5V
Switch Resistance (3.3V)
Short-Circuit Current
Output Current (5V)
JUNCTION TEMPERATURE (
°C)
0
0
0.05
0.10
0.15
0.20
0.25
0.30
25
50
75
100
LTC1477/1478 • TPC04
125
VINS = VIN1 = 3.3V
VIN2 = VIN3 = NC
ALL VIN PINS = 3.3V
OUTPUT VOLTAGE (V)
0
0
1
2
3
4
6
1
23
4
LTC1477/1478 • TPC06
56
5
TA = 25°C
ALL VIN PINS = 5V
VIN2 = VIN3 = NC
SUPPLY VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
3.0
1
23
4
LTC1477/1478 • TPC05
56
2.5
TJ = 25°C
ALL VIN PINS
CONNECTED
VIN2 = VIN3 = NC
Output Current (3.3V)
Inrush Current (5V)
Inrush Current (3.3V)
TIME (ms)
–0.4
0
1
2.8
LTC1477/1478 • TPC09
6
4
0
0.4
1.2
2.0
2
3
2
0
0.8
1.6
2.4
COUT = 470µF
ROUT = 10Ω
COUT = 10µF
ROUT = 10Ω
CURRENT
LIMITED
TJ = 25°C
ALL VIN PINS = 3.3V
OUTPUT VOLTAGE (V)
0
0
1
2
3
4
6
1
23
4
LTC1477/1478 • TPC07
56
5
TA = 25°C
ALL VIN PINS = 3.3V
VIN2 = VIN3 = NC
TIME (ms)
–0.4
0
1
2.8
LTC1477/1478 • TPC08
6
4
0
0.4
1.2
2.0
2
3
2
0
0.8
1.6
2.4
COUT = 470µF
ROUT = 10Ω
COUT = 10µF
ROUT = 10Ω
CURRENT
LIMITED
TJ = 25°C
ALL VIN PINS = 5V


Similar Part No. - LTC1477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
LTC1477CS8 LINER-LTC1477CS8 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
More results

Similar Description - LTC1477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1471 LINER-LTC1471_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Maxim Integrated Produc...
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com