Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1031-QK Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XP1031-QK
Description  Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1031-QK Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XP1031-QK_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1031-QK_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1031-QK_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1031-QK_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1031-QK_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1031-QK_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1031-QK_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1031-QK_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Power Amplifier
37.0-40.0 GHz
XP1031-QK
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Electrical Specifications: 37-40 GHz (Ambient Temperature T = 25°C)
Parameter
Units
Min.
Typ.
Max.
Input Return Loss (S11)
dB
10.0
14.0
-
Output Return Loss (S22)
dB
4.0
8.0
-
Small Signal Gain (S21)
dB
23.0
25.0
-
Gain Flatness (
S21)
dB
-
+/-1.0
-
Reverse isolation (S12)
dB
40
50
-
Output Power for 1dB Compression Point (P1dB)
dBm
-
25.0
-
Output IMD3 with Pout (scl) = 18 dBm
dBc
28.0
35.0
-
Output IMD3 with Pout (scl) = 15 dBm
dBc
38.0
41.0
-
Drain Bias Voltage (Vd)
VDC
-
3.5
4.0
Gate Bias Voltage (Vg)
VDC
-1.0
-0.3
-0.1
Supply Current (Id1) (Vd=4.0V, Vg=-0.3V)
mA
-
600
675


Similar Part No. - XP1031-QK_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1031-QK-0L00 MIMIX-XP1031-QK-0L00 Datasheet
315Kb / 6P
   37.0-42.0 GHz GaAs Power Amplifier QFN, 7x7mm
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
   Linear Power Amplifier
logo
Mimix Broadband
XP1031-QK-EV1 MIMIX-XP1031-QK-EV1 Datasheet
315Kb / 6P
   37.0-42.0 GHz GaAs Power Amplifier QFN, 7x7mm
XP1031-QK MIMIX-XP1031-QK_09 Datasheet
224Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
More results

Similar Description - XP1031-QK_15

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com