Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1027-BD Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # XP1027-BD
Description  Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1027-BD Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button XP1027-BD_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1027-BD_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1027-BD_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1027-BD_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1027-BD_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1027-BD_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1027-BD_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XP1027-BD_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. XP1027-BD_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Power Amplifier
27 - 31 GHz
Rev. V2
XP1027-BD
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
9
App Note [1] Biasing -
It is recommended to separately bias each
amplifier stage VD1 through VD3 at VD (1,2,3) = 5 V
with ID1 = 240 mA, ID2 = 630 mA and ID3 = 1240
mA. Separate biasing is recommended if the
amplifier is to be used in a linear application or at
high levels of saturation, where gate rectification
will alter the effective gate control voltage. For
non-critical applications it is possible to parallel all
stages and adjust the common gate voltage for a
total drain current ID (total) = 2110 mA.
Linear Applications -
For applications where the amplifier is being used
in linear operation, where best IM3 (Third-Order
Intermod) performance is required at more than
5 dB below P1dB, it is recommended to use active
gate biasing to keep the drain currents constant as
the RF power and temperature vary; this gives the
best performance and most reproducible results.
Depending on the supply voltage available and the
power dissipation constraints, the bias circuit may
be a single transistor or a low power operational
amplifier, with a low value resistor in series with the
drain supply used to sense the current. The gate
voltage of the pHEMT is controlled to maintain
correct drain current compensating for changes
over temperature.
Saturated Applications -
For applications where the amplifier RF output
power is saturated, the optimum drain current will
vary with RF drive and each amplifier stage is best
operated at a constant gate voltage. Significant
gate currents will flow at saturation and bias
circuitry must allow for drain current growth under
this condition to achieve best RF output power and
power added efficiency. If the input RF power level
will vary significantly, a more negative gate voltage
will result in less die heating at lower RF input drive
levels where the absence of RF cooling becomes
significant. Under this bias condition, gain will then
vary with RF drive
NOTE -
For any application it is highly recommended to
bias the output amplifier stage from both sides for
best RF and thermal performance.
CAUTION -
Make sure to properly sequence the applied
voltages to ensure negative gate bias (VG1,2,3) is
available before applying the positive drain supply
(VD1,2,3). It is recommended that the device gates
are protected with silicon diodes to limit the applied
voltage.
Bias Arrangement
Layout for reference only – It is recommended to bias output
stage from both sides.
RFIN
RFOUT
14
13
12
11
10
9
8
1
2
4
3
5
7
6


Similar Part No. - XP1027-BD_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1027-BD MIMIX-XP1027-BD_10 Datasheet
1Mb / 11P
   27.0-31.0 GHz GaAs MMIC
More results

Similar Description - XP1027-BD_15

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com