Electronic Components Datasheet Search |
|
LTC1157 Datasheet(PDF) 2 Page - Linear Technology |
|
LTC1157 Datasheet(HTML) 2 Page - Linear Technology |
2 / 8 page 2 LTC1157 LTC1157C SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS IQ Quiescent Current OFF VS = 3.3V, VIN1 = VIN2 = 0V (Note 1) 3 10 µA Quiescent Current ON VS = 3.3V, VIN = 3.3V (Note 2) 80 160 µA VS = 5V, VIN = 5V (Note 2) 180 400 µA VINH Input High Voltage q 70% × VS V VINL Input Low Voltage q 15% × VS V IIN Input Current 0V ≤ VIN ≤ VS q ±1 µA CIN Input Capacitance 5pF VGATE – VS Gate Voltage Above Supply VS = 3V q 4.0 4.7 6.5 V VS = 3.3V q 4.5 5.4 7.0 V VS = 5V q 7.5 8.8 12.0 V tON Turn-ON Time VS = 3.3V, CGATE = 1000pF Time for VGATE > VS + 1V 30 130 300 µs Time for VGATE > VS + 2V 75 240 750 µs VS = 5V, CGATE = 1000pF Time for VGATE > VS + 1V 30 85 300 µs Time for VGATE > VS + 2V 75 230 750 µs tOFF Turn-OFF Time VS = 3.3V, CGATE = 1000pF Time for VGATE < 0.5V 10 36 60 µs VS = 5V, CGATE = 1000pF Time for VGATE < 0.5V 10 31 60 µs Supply Voltage ........................................... – 0.3V to 7V Any Input Voltage ............. (VS + 0.3V) to (GND – 0.3V) Any Output Voltage ............. (VS + 12V) to (GND – 0.3V) Current (Any Pin) ................................................. 50mA A G A U A R BSOLUTEXI TI S Operating Temperature Range LTC1157C ............................................... 0 °C to 70°C Storage Temperature Range ................ – 65 °C to 150°C Lead Temperature (Soldering, 10 sec) ................. 300 °C PACKAGE/ORDER I FOR ATIO ORDER PART NUMBER LTC1157CN8 ORDER PART NUMBER TJMAX = 100°C, θJA = 130°C/ W LTC1157CS8 TJMAX = 100°C, θJA = 150°C/ W ELECTRICAL C C HARA TERISTICS V S = 2.7V to 5.5V, TA = 25°C, unless otherwise noted. The q denotes specifications which apply over the full operating temperature range. Note 1: Quiescent current OFF is for both channels in OFF condition. Note 2: Quiescent current ON is per driver and is measured independently. S8 PART MARKING 1157 1 2 3 4 8 7 6 5 TOP VIEW NC GATE 1 GND IN1 NC GATE 2 VS IN2 N8 PACKAGE 8-LEAD PLASTIC DIP 1 2 3 4 8 7 6 5 TOP VIEW NC GATE 2 VS IN2 NC GATE 1 GND IN1 S8 PACKAGE 8-LEAD PLASTIC SO |
Similar Part No. - LTC1157 |
|
Similar Description - LTC1157 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |