Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5243B Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part No. MMSZ5243B
Description  ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMSZ5243B Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MMSZ5243B Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MMSZ5243B Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MMSZ5243B Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEJ
ELECTRONIC
CO.,LTD
Electrical Characteristics
@ TA= 25°C unless otherwise specified
Notes:
1. Devioe mounted on ceramic PCB;7.6mm x 9.4mm0.87mm with pad areas 25 mm
2.
2. Tested with pulses, Tp≤1.0ms.
2/3
ZenerVoltage Range (Note 2)
Test
Current
MaximumZener
Impedance
MaximumReverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
= 0.25mA
IR
@VR
Type
Number
Type
Code
Nom(V)
Min(V)
Max(V)
mA
Ω
uA
V
MMSZ5221B
C1
2.4
2.28
2.52
20
30
1200
100
1.0
MMSZ5223B
C3
2.7
2.57
2.84
20
30
1300
75
1.0
MMSZ5225B
C5
3.0
2.85
3.15
20
30
1600
50
1.0
MMSZ5226B
G1
3.3
3.14
3.47
20
28
1600
25
1.0
MMSZ5227B
G2
3.6
3.42
3.78
20
24
1700
15
1.0
MMSZ5228B
G3
3.9
3.71
4.10
20
23
1900
10
1.0
MMSZ5229B
G4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMSZ5230B
G5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMSZ5231B
E1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMSZ5232B
E2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMSZ5233B
E3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMSZ5234B
E4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMSZ5235B
E5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMSZ5236B
F1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMSZ5237B
F2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMSZ5238B
F3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMSZ5239B
F4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMSZ5240B
F5
10
9.50
10.50
20
17
600
3.0
8.0
MMSZ5241B
H1
11
10.45
11.55
20
22
600
2.0
8.4
MMSZ5242B
H2
12
11.40
12.60
20
30
600
1.0
9.1
MMSZ5243B
H3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMSZ5245B
H5
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246B
J1
16
15.20
16.80
7.8
17
600
0.1
12
MMSZ5248B
J3
18
17.10
18.90
7.0
21
600
0.1
14
MMSZ5250B
J5
20
19.00
21.00
6.2
25
600
0.1
15
MMSZ5251B
K1
22
20.90
23.10
5.6
29
600
0.1
17
MMSZ5252B
K2
24
22.80
25.20
5.2
33
600
0.1
18
MMSZ5254B
K4
27
25.65
28.35
5.0
41
600
0.1
21
MMSZ5255B
K5
28
26.60
29.40
4.5
44
600
0.1
21
MMSZ5256B
M1
30
28.50
31.50
4.2
49
600
0.1
23
MMSZ5257B
M2
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258B
M3
36
34.20
37.80
3.4
70
700
0.1
27
MMSZ5259B
M4
39
37.05
40.95
3.2
80
800
0.1
30
MMSZ5260B
M5
43
40.85
45.15
3
93
900
0.1
33
MMSZ5221B-MMSZ5260B
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn