Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB330 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # SB330
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

SB330 Datasheet(HTML) 1 Page - Compact Technology Corp.

  SB330 Datasheet HTML 1Page - Compact Technology Corp. SB330 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB320 thru SB3200
FEATURES
Metal-Semiconductor junction with guard ring
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
Case : JEDEC DO-201AD molded plastic
Polarity : Color band denotes cathode
Weight : 1.071grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
REVERSE VOLTAGE - 20 to 200 Volts
FORWARD CURRENT - 3.0 Amperes
Epitaxial construction
A
C
D
A
B
DO-201AD
Dimensions in millimeters
Max.
Min.
DO-201AD
Dim.
A
D
C
B
25.4
9.50
-
8.50
1.20
5.0
5.60
1.30
CTC0165 Ver.
6.0
1 of 2
SB320 thru SB3200
SCHOTTKY BARRIER RECTIFIERS


Similar Part No. - SB330

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB330 PANJIT-SB330 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Shenzhen Luguang Electr...
SB330 LUGUANG-SB330 Datasheet
183Kb / 2P
   Schottky Barrier Rectifier
logo
Semikron International
SB330 SEMIKRON-SB330 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
DONGGUAN YOU FENG WEI E...
SB330 YFWDIODE-SB330 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
SB330 ZSELEC-SB330 Datasheet
114Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SB330

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com