Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30D60PT Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # S30D60PT
Description  Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

S30D60PT Datasheet(HTML) 1 Page - Compact Technology Corp.

  S30D60PT Datasheet HTML 1Page - Compact Technology Corp. S30D60PT Datasheet HTML 2Page - Compact Technology Corp. S30D60PT Datasheet HTML 3Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S30D60PT
V0.0 2012-06
http://ctc-semicon.com
P1/3
Schottky Barrier Rectifier
FEATURES
Low power loss, high efficiency
Low forward voltage drop
High forward surge capability
High frequency operation
Excellent high temperature stability
Trench MOS Schottky technology
‧ Suffix
“H” indicates halogen free parts
MECHANICAL DATA
Case: TO-3P
Terminals: Pure tin plated, lead free
Polarity: As marked
Weight: Approximated 1.86 grams
Primary Characteristic
IO
2X15A
VRRM
60V
IFSM
275A
VF@15A, TJ=125°C
0.65V
TJmax
150
°C
Maximum Ratings Ta=25°C unless otherwise specified
Characteristics
Symbol
Value
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
60
V
Working Peak Reverse Voltage
VRWM
60
V
Maximum DC Blocking Voltage
VDC
60
V
RMS Reverse Voltage
VRMS
42
V
IF=5A, TJ=25°C
IF=5A, TJ=125°C
VF
0.78
0.65
V
Maximum Reverse Current at Rated VRRM
TJ=25°C
TJ=125°C
IR
0.1
6
mA
Maximum Average Forward Rectified Current
Total device
Per diode
IO
30
15
A
Peak Forward Surge Current,
8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
275
A
Operating Temperature Range
TJ
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Notes: (1) Pulse test: 300 µs pulse width, 1 % duty cycle


Similar Part No. - S30D60PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
S30D60PT CHENMKO-S30D60PT Datasheet
75Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Compact Technology Corp...
S30D60PTS CTC-S30D60PTS Datasheet
460Kb / 3P
   Schottky Barrier Rectifier
More results

Similar Description - S30D60PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com