Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4662 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4662
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4662 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4662 Datasheet HTML 1Page - STMicroelectronics AN4662 Datasheet HTML 2Page - STMicroelectronics AN4662 Datasheet HTML 3Page - STMicroelectronics AN4662 Datasheet HTML 4Page - STMicroelectronics AN4662 Datasheet HTML 5Page - STMicroelectronics AN4662 Datasheet HTML 6Page - STMicroelectronics AN4662 Datasheet HTML 7Page - STMicroelectronics AN4662 Datasheet HTML 8Page - STMicroelectronics AN4662 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
AN4662
List of figures
List of figures
Figure 1: Sampling chain block diagram...................................................................................................10
Figure 2: Data-ready signal ......................................................................................................................14
Figure 3: High-pass filter connections - block diagram.............................................................................16
Figure 4: Reading X(Y,Z)L_REFERENCE or X(Y,Z)H_REFERENCE .....................................................17
Figure 5: Reference mode ........................................................................................................................18
Figure 6: Interrupt signals and interrupt pins ............................................................................................20
Figure 7: DCRM1(2) = 0 ...........................................................................................................................23
Figure 8: DCRM1(2) = 1 ...........................................................................................................................23
Figure 9: WAIT1(2) = 1 .............................................................................................................................24
Figure 10: Free-fall, wake-up interrupt generator #1 diagram ..................................................................25
Figure 11: Free-fall, wake-up interrupt generator #2 diagram ..................................................................26
Figure 12: FF_WU_CFG high and low .....................................................................................................26
Figure 13: Inertial wake-up interrupt .........................................................................................................27
Figure 14: Free-fall interrupt .....................................................................................................................29
Figure 15: 6D movement vs. 6D position interrupt ...................................................................................32
Figure 16: 6D recognized positions ..........................................................................................................32
Figure 17: Stream mode ...........................................................................................................................39
Figure 18: FIFO multiple read ...................................................................................................................41
DocID027579 Rev 1
5/43


Similar Part No. - AN4662

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4660 STMICROELECTRONICS-AN4660 Datasheet
311Kb / 27P
   Designers of STM32 microcontroller applications must have the possibility
AN4661 STMICROELECTRONICS-AN4661 Datasheet
703Kb / 33P
   This application note is intended for system designers
More results

Similar Description - AN4662

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3308 STMICROELECTRONICS-AN3308 Datasheet
1Mb / 52P
   This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
   MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL_08 Datasheet
672Kb / 48P
   MEMS inertial sensor 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL Datasheet
317Kb / 36P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g Digital Output Low Voltage Linear Accelerometer
February 2006 Rev 1
AN2847 STMICROELECTRONICS-AN2847 Datasheet
407Kb / 31P
   This document provides application information for the low-voltage 3-axis digital output
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
   LIS302DL 3-axis digital MEMS accelerometer
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
   LIS331DL 3-axis digital MEMS accelerometer
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
logo
STMicroelectronics
STEVAL-MKI004V1 STMICROELECTRONICS-STEVAL-MKI004V1 Datasheet
123Kb / 4P
   MEMS 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer evaluation board based on LIS3LV02DQ
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com