Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3468-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3468-1
Description  Photoflash Capacitor Chargers in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3468-1 Datasheet(HTML) 4 Page - Linear Technology

  LT3468-1 Datasheet HTML 1Page - Linear Technology LT3468-1 Datasheet HTML 2Page - Linear Technology LT3468-1 Datasheet HTML 3Page - Linear Technology LT3468-1 Datasheet HTML 4Page - Linear Technology LT3468-1 Datasheet HTML 5Page - Linear Technology LT3468-1 Datasheet HTML 6Page - Linear Technology LT3468-1 Datasheet HTML 7Page - Linear Technology LT3468-1 Datasheet HTML 8Page - Linear Technology LT3468-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT3468/LT3468-1/LT3468-2
4
346812fa
LT3468-1 Switch Current Limit
LT3468-1 Output Voltage
LT3468 Output Voltage
LT3468 Switch Current Limit
VIN (V)
2345678
3468 G13
324
323
322
318
319
320
321
TA = –40°C
TA = 25°C
TA = 85°C
VIN (V)
2345678
3468 G14
324
323
322
318
319
320
321
TA = –40°C
TA = 25°C
TA = 85°C
TEMPERATURE (°C)
–40
–20
0
20
40
60
100
80
3468 G16
1.5
1.1
1.2
1.3
1.4
VIN = 3V
VOUT = 0V
TEMPERATURE (°C)
–40
–20
0
20
40
60
100
80
3468 G17
0.700
0.500
0.540
0.580
0.620
0.660
VIN = 3V
VOUT = 0V
TYPICAL PERFOR A CE CHARACTERISTICS LT3468 curves use the circuit of Figure 6, LT3468-1
curves use the circuit of Figure 7 and LT3468-2 use the circuit of Figure 8 unless otherwise noted.
LT3468 Efficiency
LT3468-1 Efficiency
VOUT (V)
50
100
150
200
250
300
3468 G10
90
80
40
50
60
70
VIN = 2.8V
VIN = 4.2V
TA = 25°C
VIN = 3.6V
VOUT (V)
50
100
150
200
250
300
3468 G11
90
80
40
50
60
70
VIN = 2.8V
VIN = 4.2V
VIN = 3.6V
TA = 25°C
TEMPERATURE (°C)
–40
1.00
0.96
0.92
0.88
0.84
0.80
0
40
60
34682 G18
–20
20
80
100
VIN = 3V
VOUT = 0V
VOUT (V)
50
90
80
70
60
50
40
250
3468 G12
100
150
200
300
TA = 25°C
VIN = 4.2V
VIN = 2.8V
VIN = 3.6V
VIN (V)
319
318
317
316
315
314
313
312
3468 G15
2
3
45
6
7
8
TA = 25°C
TA = 85°C
TA = –40°C
LT3468-2 Switch Current Limit
LT3468-2 Output Voltage
LT3468-2 Efficiency


Similar Part No. - LT3468-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468-1 LINER-LT3468-1 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
LT3468-1 LINER-LT3468-1 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
logo
Analog Devices
LT3468-1 AD-LT3468-1 Datasheet
1Mb / 16P
   Capacitor Charger Controller
More results

Similar Description - LT3468-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-2 LINER-LT3468-2_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com