Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3468-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3468-1
Description  Photoflash Capacitor Chargers in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3468-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3468-1 Datasheet HTML 4Page - Linear Technology LT3468-1 Datasheet HTML 5Page - Linear Technology LT3468-1 Datasheet HTML 6Page - Linear Technology LT3468-1 Datasheet HTML 7Page - Linear Technology LT3468-1 Datasheet HTML 8Page - Linear Technology LT3468-1 Datasheet HTML 9Page - Linear Technology LT3468-1 Datasheet HTML 10Page - Linear Technology LT3468-1 Datasheet HTML 11Page - Linear Technology LT3468-1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT3468/LT3468-1/LT3468-2
10
346812fa
Board Layout
The high voltage operation of the LT3468/LT3468-1/
LT3468-2 demands careful attention to board layout. You
will not get advertised performance with careless layout.
Figure 5 shows the recommended component placement.
Keep the area for the high voltage end of the secondary as
small as possible. Also note the larger than minimum
spacing for all high voltage nodes in order to meet break-
down voltage requirements for the circuit board.
It is
imperative to keep the electrical path formed by C1, the
primary of T1, and the LT3468/LT3468-1/LT3468-2 as
short as possible. If this path is haphazardly made long, it
will effectively increase the leakage inductance of T1,
which may result in an overvoltage condition on the SW
pin.
APPLICATIO S I FOR ATIO
Figure 5. Suggested Layout: Keep Electrical Path Formed by C1,
Transformer Primary and LT3468/LT3468-1/LT3468-2 Short
D2
R1
D1
(DUAL DIODE)
C1
COUT
PHOTOFLASH
CAPACITOR
T1
VIN
CHARGE
DONE
+
4
5
3
2
1
3468 F05
Table 4. Recommended Clamp Diodes
MAX REVERSE VOLTAGE
PART
(V)
VENDOR
ZHCS400
40
Zetex
(631) 360-2222
www.zetex.com
B0540W
40
Diodes Inc.
(805) 446-4800
www.diodes.com
MA2Z720
40
Panasonic
(408) 487-9510
www.panasonic.co.jp
TYPICAL APPLICATIO S
should be a Schottky diode with at least a 500mA peak
forward current capability. The diode forward voltage drop
should be 600mV or less at 500mA of forward current.
Reverse voltage rating should be 40V or higher. Table 4
shows various recommended clamping diodes.
LT3468
CHARGE
GND
VIN
SW
+
DONE
DONE
CHARGE
C1
4.7µF
R1
100k
T1
1:10.2
VIN
2.5V TO 8V
320V
1
2
4
5
3468 F06
D2
COUT
PHOTOFLASH
CAPACITOR
C1: 4.7µF, X5R OR X7R, 10V
T1: KIJIMA MUSEN PART# SBL-5.6-1, LPRI = 10µH, N = 10.2
D1: VISHAY GSD2004S DUAL DIODE CONNECTED IN SERIES
D2: ZETEX ZHCS400 OR EQUIVALENT
R1: PULL UP RESISTOR NEEDED IF DONE PIN USED
D1
LT3468-1
CHARGE
GND
VIN
SW
+
DONE
DONE
CHARGE
C1
4.7µF
R1
100k
T1
1:10.2
COUT
PHOTOFLASH
CAPACITOR
VIN
2.5V TO 8V
D2
320V
D1
4
3
5
6
C1: 4.7µF, X5R OR X7R, 10V
T1: KIJIMA MUSEN PART# SBL-5.6S-1, LPRI = 24µH, N = 10.2
D1: VISHAY GSD2004S DUAL DIODE CONNECTED IN SERIES
D2: ZETEX ZHCS400 OR EQUIVALENT
R1: PULL UP RESISTOR NEEDED IF DONE PIN USED
3468 F07
Figure 6. LT3468 Photoflash Charger Uses
High Efficiency 4mm Tall Transformer
Figure 7. LT3468-1 Photoflash Charger Uses
High Efficiency 3mm Tall Transformer


Similar Part No. - LT3468-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468-1 LINER-LT3468-1 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
LT3468-1 LINER-LT3468-1 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
logo
Analog Devices
LT3468-1 AD-LT3468-1 Datasheet
1Mb / 16P
   Capacitor Charger Controller
More results

Similar Description - LT3468-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-2 LINER-LT3468-2_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com