Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3460-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3460-1
Description  1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3460-1 Datasheet(HTML) 1 Page - Linear Technology

  LT3460-1 Datasheet HTML 1Page - Linear Technology LT3460-1 Datasheet HTML 2Page - Linear Technology LT3460-1 Datasheet HTML 3Page - Linear Technology LT3460-1 Datasheet HTML 4Page - Linear Technology LT3460-1 Datasheet HTML 5Page - Linear Technology LT3460-1 Datasheet HTML 6Page - Linear Technology LT3460-1 Datasheet HTML 7Page - Linear Technology LT3460-1 Datasheet HTML 8Page - Linear Technology LT3460-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT3460/LT3460-1
1
3460fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.3 MHz/650kHz Step-Up
DC/DC Converter in SC70,
ThinSOT and DFN
The LT®3460/LT3460-1 are general purpose step-up DC/
DC converters. The LT3460/LT3460-1 switch at 1.3MHz/
650kHz, allowing the use of tiny, low cost and low height
capacitors and inductors. The constant frequency results
in low, predictable output noise that is easy to filter.
The high voltage switches in the LT3460/LT3460-1 are
rated at 38V, making the device ideal for boost converters
up to 36V. The LT3460 can generate 12V at up to 70mA
from a 5V supply.
The low 1mA quiescent current and 650kHz switching
frequency of LT3460-1 make it ideal for lower current
applications.
The LT3460 is available in SC70 and SOT-23 packages.
The LT3460-1 is available in SC70 and 2mm × 2mm DFN
packages.
5V to 12V, 70mA Step-Up DC/DC Converter
n 1.3MHz (LT3460) Switching Frequency
n 650kHz (LT3460-1) Switching Frequency
n High Output Voltage: Up to 36V
n 300mA Integrated Switch (LT3460)
n 180mA Integrated Switch (LT3460-1)
n Wide Input Range: 2.5V to 16V
n Uses Small Surface Mount Components
n Low Shutdown Current: <1μA
n Low Profile (1mm) SC70 (LT3460 and LT3460-1),
SOT-23 (ThinSOT™) (LT3460) and 2mm × 2mm DFN
(LT3460-1) Packages
n Digital Cameras
n CCD Bias Supply
n XDSL Power Supply
n TFT-LCD Bias Supply
n Local 5V or 12V Supply
n Medical Diagnostic Equipment
n Battery Backup
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. ThinSOT is
a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
Efficiency
Switching Waveforms
LOAD CURRENT (mA)
0
90
85
80
75
70
65
60
20
40
60
80
3460 F01a
0.2μs/DIV
3460 F01b
IL
100mA/DIV
VSW
5V/DIV
OFF ON
VIN
5V
22μH
130k
15k
1μF
22pF
4.7μF
VOUT
12V
70mA
VIN
SW
FB
SHDN
GND
LT3460
3460 F01


Similar Part No. - LT3460-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT3460 LINER-LT3460 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
LT3460ES5 LINER-LT3460ES5 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT3460ESC6 LINER-LT3460ESC6 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT3460 LINER-LT3460_15 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
More results

Similar Description - LT3460-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3460 LINER-LT3460_15 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT1937 LINER-LT1937 Datasheet
362Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT1937 LINER-LT1937_15 Datasheet
368Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
   1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com