Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3460-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3460-1
Description  1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3460-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3460-1_15 Datasheet HTML 4Page - Linear Technology LT3460-1_15 Datasheet HTML 5Page - Linear Technology LT3460-1_15 Datasheet HTML 6Page - Linear Technology LT3460-1_15 Datasheet HTML 7Page - Linear Technology LT3460-1_15 Datasheet HTML 8Page - Linear Technology LT3460-1_15 Datasheet HTML 9Page - Linear Technology LT3460-1_15 Datasheet HTML 10Page - Linear Technology LT3460-1_15 Datasheet HTML 11Page - Linear Technology LT3460-1_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT3460/LT3460-1
10
3460fb
APPLICATIONS INFORMATION
Li-Ion to 18V Step-Up Converter
VIN
2.7V to 4.2V
VOUT
18V
200μA
L1
D1
1.6M
124k
C2
1μF
35V
C1
1μF
6.3V
VIN
SW
FB
SHDN
GND
LT3460-1
3460 TA08
C1: TAIYO YUDEN X5R JMK107BJ105
C2: TAIYO YUDEN X5R GMK107BJ105
D1, D2: CENTRAL SEMICONDUCTOR CMDSH-3
L1: MURATA LQH31CN-220
S5 Package
5-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1635)
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45 TYP
5 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S5 TSOT-23 0302
PIN ONE
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
PACKAGE DESCRIPTION


Similar Part No. - LT3460-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT3460 LINER-LT3460 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
LT3460ES5 LINER-LT3460ES5 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT3460ESC6 LINER-LT3460ESC6 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT3460 LINER-LT3460_15 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
More results

Similar Description - LT3460-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3460 LINER-LT3460_15 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT1937 LINER-LT1937 Datasheet
362Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT1937 LINER-LT1937_15 Datasheet
368Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
   1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com