Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1944-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1944-1
Description  Dual Micropower Step-Up DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1944-1 Datasheet(HTML) 4 Page - Linear Technology

  LT1944-1 Datasheet HTML 1Page - Linear Technology LT1944-1 Datasheet HTML 2Page - Linear Technology LT1944-1 Datasheet HTML 3Page - Linear Technology LT1944-1 Datasheet HTML 4Page - Linear Technology LT1944-1 Datasheet HTML 5Page - Linear Technology LT1944-1 Datasheet HTML 6Page - Linear Technology LT1944-1 Datasheet HTML 7Page - Linear Technology LT1944-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1944-1
BLOCK DIAGRA
Figure 1. LT1944-1 Block Diagram
OPERATIO
The LT1944-1 uses a constant off-time control scheme to
provide high efficiencies over a wide range of output
current. Operation can be best understood by referring to
the block diagram in Figure 1. Q1 and Q2 along with R3 and
R4 form a bandgap reference used to regulate the output
voltage. When the voltage at the FB1 pin is slightly above
1.23V, comparator A1 disables most of the internal cir-
cuitry. Output current is then provided by capacitor C2,
which slowly discharges until the voltage at the FB1 pin
drops below the lower hysteresis point of A1 (typical
hysteresis at the FB pin is 8mV). A1 then enables the
internal circuitry, turns on power switch Q3, and the
current in inductor L1 begins ramping up. Once the switch
current reaches 100mA, comparator A2 resets the one-
shot, which turns off Q3 for 400ns. L1 then delivers
current to the output through diode D1 as the inductor
current ramps down. Q3 turns on again and the inductor
current ramps back up to 100mA, then A2 resets the one-
shot, again allowing L1 to deliver current to the output.
This switching action continues until the output voltage is
charged up (until the FB1 pin reaches 1.23V), then A1
turns off the internal circuitry and the cycle repeats. The
LT1944-1 contains additional circuitry to provide protec-
tion during start-up and under short-circuit conditions.
When the FB1 pin voltage is less than approximately
600mV, the switch off-time is increased to 1.5
µs and the
current limit is reduced to around 70mA (70% of its
normal value). This reduces the average inductor current
and helps minimize the power dissipation in the power
switch and in the external inductor and diode.
The second switching regulator operates in the same
manner, but with a 175mA current limit and an off-time of
1.5
µs. With this longer off-time, switcher 2 is ideal for very
low duty cycle applications (i.e. Li-Ion to 5V boost
converters).
+
+
8
400ns
ONE-SHOT
DRIVER
RESET
DRIVER
RESET
ENABLE
12mV
0.12
A2
A1
Q3
9
3
R4
140k
R3
30k
R6
40k
R5
40k
Q2
X10
Q1
1
VIN
FB1
2
SHDN1
10
SW1
PGND
GND
1944-1 BD
L1
C2
VOUT1
VIN
D1
R2
(EXTERNAL)
R1
(EXTERNAL)
VOUT1
C1
+
+
1.5
µs
ONE-SHOT
ENABLE
21mV
0.12
A2B
A1B
Q3B
7
R4B
140k
R3B
30k
R6B
40k
R5B
40k
Q2B
X10
Q1B
5
VIN
FB2
4
SHDN2
6
SW2
PGND
L2
C3
VOUT2
VIN
D2
R2B
(EXTERNAL)
R1B
(EXTERNAL)
VOUT2
SWITCHER 2
SWITCHER 1


Similar Part No. - LT1944-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1944-1EMS LINER-LT1944-1EMS Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results

Similar Description - LT1944-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944 LINER-LT1944_15 Datasheet
169Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com