Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10LC20U Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # D10LC20U
Description  10 Ampere Dual Common Cathode Super Fast Recovery Half Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

D10LC20U Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  D10LC20U Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. D10LC20U Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10
6
4
2
8
1
5
50
0.1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
20
40
60
80
100
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
D10LC20U
D10LC40U
D10LC60U
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.05
®
D10LC20U thru D10LC60U


Similar Part No. - D10LC20U

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10LC20U SHINDENGEN-D10LC20U Datasheet
454Kb / 7P
   Super Fast Recovery Rectifiers(200V 10A)
D10LC20UR SHINDENGEN-D10LC20UR Datasheet
455Kb / 7P
   Super Fast Recovery Rectifiers(200V 10A)
logo
Thinki Semiconductor Co...
D10LC20UR THINKISEMI-D10LC20UR Datasheet
719Kb / 2P
   10 Ampere Dual Common Anode Super Fast Recovery Half Bridge Rectifier
More results

Similar Description - D10LC20U

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
D10LC20UR THINKISEMI-D10LC20UR Datasheet
719Kb / 2P
   10 Ampere Dual Common Anode Super Fast Recovery Half Bridge Rectifier
YG902C2 THINKISEMI-YG902C2 Datasheet
667Kb / 2P
   10 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
D8LC20U THINKISEMI-D8LC20U Datasheet
669Kb / 2P
   10 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
ESAC25-02C THINKISEMI-ESAC25-02C Datasheet
694Kb / 2P
   10 Ampere Heatsink Dual Common Cathode Fast Recovery Half Bridge Rectifiers
UFF160-02CT THINKISEMI-UFF160-02CT Datasheet
268Kb / 2P
   16 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifier
C10P20F THINKISEMI-C10P20F Datasheet
694Kb / 2P
   10 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
FMU22S THINKISEMI-FMU22S Datasheet
673Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
ESAC25M-02C THINKISEMI-ESAC25M-02C Datasheet
668Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
DFR10A20CT THINKISEMI-DFR10A20CT Datasheet
678Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FMX22S THINKISEMI-FMX22S Datasheet
674Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com