Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBTA92LT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBTA92LT1G
Description  HighVoltageTransistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTA92LT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBTA92LT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBTA92LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBTA92LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBTA92LT1G_15 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
T J = +125°C
I C , COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
V R , REVERSE VOLTAGE (VOLTS)
Figure 2. Capacitances
I C , COLLECTOR CURRENT (mA)
Figure 3. Current–Gain — Bandwidth Product
I C , COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
+25°C
–55°C
V CE = –10 Vdc
C cb
C ib
T J = 25°C
V CE = –20 Vdc
V CE(sat) @ I C /I B = 10 mA
V BE @ V CE = –10 V
100
50
20
10
5.0
2.0
1.0
–0.1 –0.2
–0.5 –1.0 –2.0
–5.0 –10
–20
–50 –100 –200
–500 –1000
150
100
70
50
30
20
15
–1.0
–2.0
–3.0
–5.0
–7.0
–10
–20
–30
–50
–80 –100
100
80
60
40
30
20
0
–1.0
–2.0
–5.0
–10
–20
–50
–100
–1.0
–0.8
–0.6
–0.4
–0.2
0
–1.0
–2.0
–5.0
–10
–20
–50
–100
Rev.A 3/4
LMBTA92LT1G
LMBTA93LT1G
S-LMBTA92LT1G
S-LMBTA93LT1G


Similar Part No. - LMBTA92LT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA92LT1G LRC-LMBTA92LT1G_11 Datasheet
80Kb / 4P
   HighVoltageTransistor PNP Silicon High voltage.
More results

Similar Description - LMBTA92LT1G_15

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
MMBTA92 FS-MMBTA92 Datasheet
144Kb / 4P
   HighVoltageTransistor
logo
WILLAS ELECTRONIC CORP
MMBTA9XLT1 WILLAS-MMBTA9XLT1 Datasheet
417Kb / 4P
   HighVoltageTransistor
logo
Leshan Radio Company
LMBTA92LT1 LRC-LMBTA92LT1 Datasheet
82Kb / 4P
   HighVoltageTransistor PNP Silicon
logo
Shanghai Leiditech Elec...
LMBTA92LT1G LEIDITECH-LMBTA92LT1G Datasheet
565Kb / 4P
   HighVoltageTransistor PNP Silicon
logo
Leshan Radio Company
LMBTA92LT1G LRC-LMBTA92LT1G_11 Datasheet
80Kb / 4P
   HighVoltageTransistor PNP Silicon High voltage.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com