Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC857CWT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LBC857CWT1G
Description  General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC857CWT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LBC857CWT1G_15 Datasheet HTML 1Page - Leshan Radio Company LBC857CWT1G_15 Datasheet HTML 2Page - Leshan Radio Company LBC857CWT1G_15 Datasheet HTML 3Page - Leshan Radio Company LBC857CWT1G_15 Datasheet HTML 4Page - Leshan Radio Company LBC857CWT1G_15 Datasheet HTML 5Page - Leshan Radio Company LBC857CWT1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
I
C , COLLECTOR CURRENT (mA)
Figure 7. DC Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
I
B , BASE CURRENT (mA)
Figure 9. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
V
BE(sat) @ I C/I B=10
V
BE @VCE= –5.0 V
T
J= 25°C
V
CE = –5.0V
T
A = 25°C
V
CE(sat) @ I C /I B= 10
I
C =
–10mA
–100mA
–20mA
–200mA
T
J= 25°C
θ
VB for V BE
–55°C to 125°C
–1.0
–1.4
–1.8
–2.2
–2.6
–3.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
2.0
1.0
0.5
0.2
–2.0
–1.6
–1.2
–0.8
–0.4
0
–0.1–0.2
–1.0 –2.0 –5.0–10 –20 –50 –100–200
–0.2
–0.5 –1.0 –2.0
–5.0 –10 –20
–50 –100 –200
–0.2
–0.5 –1.0 –2.0
–5.0 –10 –20
–50 –100 –200
–0.02
–0.05 –0.1 –0.2
–0.5 –1.0 –2.0
–5.0 –10 –20
–50mA
V
R , REVERSE VOLTAGE (VOLTS)
Figure 11. Capacitance
I
C , COLLECTOR CURRENT (mA)
Figure 12. Current–Gain – Bandwidth Product
C
ob
C
ib
T
J= 25°C
V
CE= –5.0V
–0.1 –0.2 –0.5
–1.0 –2.0
–5.0 –10 –20
–50 –100
–1.0
–10
–100
40
20
10
6.0
4.0
2.0
500
200
100
50
20
LBC856
Rev.O 4/6
LBC856AWT1G, BWT1G
LBC857AWT1G, BWT1G,CWT1G LBC858AWT1G, BWT1G, CWT1G
S-LBC856AWT1G, BWT1G S-LBC857AWT1G, BWT1G,CWT1G S-LBC858AWT1G, BWT1G, CWT1G


Similar Part No. - LBC857CWT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC857CWT1G LRC-LBC857CWT1G Datasheet
254Kb / 6P
   General Purpose Transistors PNP Silicon
More results

Similar Description - LBC857CWT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com