Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2SC5658RM3T5G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SC5658RM3T5G
Description  NPN Silicon General Purpose Amplifier Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC5658RM3T5G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SC5658RM3T5G_15 Datasheet HTML 1Page - Leshan Radio Company L2SC5658RM3T5G_15 Datasheet HTML 2Page - Leshan Radio Company L2SC5658RM3T5G_15 Datasheet HTML 3Page - Leshan Radio Company L2SC5658RM3T5G_15 Datasheet HTML 4Page - Leshan Radio Company L2SC5658RM3T5G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L2SC5658QM3T5G
SOT –723
LESHAN RADIO COMPANY, LTD.
1/5
L2SC5658RM3T5G
ORDERING INFORMATION
SOT−723
MARKING
DIAGRAM
1
2
3
XXM
XX = Specific Device Code
(
QM = L2SC5658QM3T5G
RM = L2SC5658RM3T5G)
M
= Date Code
COLLECTOR
3
1
BASE
2
EMITTER
NPN Silicon General
Purpose Amplifier Transistor
This NPN transistor is designed for general purpose amplifier
applications. This device is housed in the SOT-723 package which is
designed for low power surface mount applications, where board
space is at a premium.
Features
Reduces Board Space
High hFE, 210−460 (typical)
Low VCE(sat), < 0.5 V
ESD Performance: Human Body Model; u 2000 V,
Machine Model;
u 200 V
Available in 8 mm, 7-inch/3000 Unit Tape and Reel
These are Pb−Free Devices
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
50
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
5.0
Vdc
Collector Current − Continuous
IC
100
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
260
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−55 ~ + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a FR-4 glass epoxy printed circuit board using the
minimum recommended footprint.
1
2
3
Device
Package
Shipping
−723
(Pb−Free)
8000/Tape & Reel
L2SC5658
QM3T5G SOT


Similar Part No. - L2SC5658RM3T5G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC5658RM3T5G LRC-L2SC5658RM3T5G Datasheet
336Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
More results

Similar Description - L2SC5658RM3T5G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
   General Purpose Amplifier NPN Silicon Transistor
logo
First Silicon Co., Ltd
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC4617G ONSEMI-2SC4617G_14 Datasheet
58Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
July, 2014 ??Rev. 6
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
130Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
logo
Vaishali Semiconductor
2SC5658M3T5G VAISH-2SC5658M3T5G Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G_14 Datasheet
101Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 5
S2SC4617G ONSEMI-S2SC4617G Datasheet
101Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
November, 2011 ??Rev. 5
2SC4617 ONSEMI-2SC4617 Datasheet
64Kb / 8P
   NPN Silicon General Purpose Amplifier Transistor
November, 2001 ??Rev. 3
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
   Silicon NPN Transistor General Purpose Amplifier
logo
Leshan Radio Company
L2SC5658QM3T5G LRC-L2SC5658QM3T5G Datasheet
336Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com