Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC7WZ32FK Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIC7WZ32FK
Description  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ32FK Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIC7WZ32FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ32FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ32FK Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 3. 7
2/3
KIC7WZ32FK
Revision No : 1
Truth Table
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
H
Logic Diagram
IN A
IN B
1
OUT Y
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
1.65~5.5
V
1.5~5.5
(Note1)
Input Voltage
VIN
0~5.5
V
Output Voltage
VOUT
0~5.5
(Note2)
V
0~VCC
(Note3)
Operating Temperature
Topr
-40~85
Input Rise and Fall Time
dt/dv
0~20 (VCC=1.8V 0.15V, 2.5V 0.2V)
ns/V
0~10 (VCC=3.3V 0.3V)
0~5 (VCC=5.5V 0.5V)
Note1 : Data retention only.
Note2 : VCC=0V.
Note3 : High or low state


Similar Part No. - KIC7WZ32FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ34FK KEC-KIC7WZ34FK Datasheet
36Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(TRIPLE NON INVERTER)
KIC7WZ38FK KEC-KIC7WZ38FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
More results

Similar Description - KIC7WZ32FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
logo
Toshiba Semiconductor
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WG32FU TOSHIBA-TC7WG32FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FC TOSHIBA-TC7WH32FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FU TOSHIBA-TC7WH32FU_07 Datasheet
208Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC74AC32FT TOSHIBA-TC74AC32FT_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
logo
KEC(Korea Electronics)
KIC7WZ86FK KEC-KIC7WZ86FK Datasheet
536Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT EXCLUSIVE OR GATE)
KIC7W32FK KEC-KIC7W32FK Datasheet
278Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT OR GATE)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com