Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAS2026FR2R5504 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # PAS2026FR2R5504
Description  Thin Film Type Polyacene Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS2026FR2R5504 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  PAS2026FR2R5504 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
ENERGY DEVICE (SUPER CAPACITORS)
Thin Film Type Polyacene Capacitors
PAS2026FR2R5504
Features
Item Summary
2.5V, 0.5F±20%, Less than 0.08Ω
Lifecycle Stage
Mass Production
Products characteristics table
Temperature Range
-25 to +60℃
Maximum Usable Voltage
2.5V
Nominal Capacity
0.5F
Internal Resistance
0.055Ω
Initial Capacitance
0.5F±20%
Initial Internal Resistance
Less than 0.08Ω
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Manual
2015.06.01
1 / 1


Similar Part No. - PAS2026FR2R5504

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS202BBA PIXART-PAS202BBA Datasheet
124Kb / 15P
   PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAS202BBB PIXART-PAS202BBB Datasheet
115Kb / 15P
   PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAS202BCA PIXART-PAS202BCA Datasheet
124Kb / 15P
   PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAS202BCB PIXART-PAS202BCB Datasheet
115Kb / 15P
   PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
More results

Similar Description - PAS2026FR2R5504

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS0815LS2R5105 TAIYO-YUDEN-PAS0815LS2R5105 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1020LA2R3475 TAIYO-YUDEN-PAS1020LA2R3475 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1016LS2R5205 TAIYO-YUDEN-PAS1016LS2R5205 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1220LA3R0905 TAIYO-YUDEN-PAS1220LA3R0905 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS0815LA2R3185 TAIYO-YUDEN-PAS0815LA2R3185 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1235LA3R0206 TAIYO-YUDEN-PAS1235LA3R0206 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS3225P3R3113 TAIYO-YUDEN-PAS3225P3R3113 Datasheet
479Kb / 8P
   CERAMIC TYPE POLYACENE CAPACITORS
PAS614L-VL3 TAIYO-YUDEN-PAS614L-VL3 Datasheet
147Kb / 1P
   Coin Type Polyacene Capacitors
PAS1840LA3R0506 TAIYO-YUDEN-PAS1840LA3R0506 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1020LA3R0405 TAIYO-YUDEN-PAS1020LA3R0405 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com