Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAS1016LS2R5205 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part No. PAS1016LS2R5205
Description  Cylinder Type Polyacene Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

PAS1016LS2R5205 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
ENERGY DEVICE (SUPER CAPACITORS)
Cylinder Type Polyacene Capacitors
PAS1016LS2R5205
Features
Item Summary
2.5V, 2.0F±20%, Less than 0.05Ω
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Bulk 200pcs
Products characteristics table
Temperature Range
-25 to +70℃
Maximum Usable Voltage
2.5V
Nominal Capacity
2F
Internal Resistance
0.05Ω
Initial Capacitance
2.0F±20%
Initial Internal Resistance
Less than 0.05Ω
RoHS Compliance
Yes
Soldering Method
Wave
2015.06.01
1 / 1


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn