Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4722 Datasheet(PDF) 3 Page - NEC

Part # UPD4722
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4722 Datasheet(HTML) 3 Page - NEC

  UPD4722 Datasheet HTML 1Page - NEC UPD4722 Datasheet HTML 2Page - NEC UPD4722 Datasheet HTML 3Page - NEC UPD4722 Datasheet HTML 4Page - NEC UPD4722 Datasheet HTML 5Page - NEC UPD4722 Datasheet HTML 6Page - NEC UPD4722 Datasheet HTML 7Page - NEC UPD4722 Datasheet HTML 8Page - NEC UPD4722 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
µPD4722
Truth Table
Driver
STBY
DIN
DOUT
Remarks
L
×
Z
Standby mode (DC/DC converter is stopped)
H
L
H
Space level output
H
H
L
Mark level output
Receiver
STBY
EN
RIN
ROUT
Remarks
R3 to R4
R1 to R2
R3 to R4
R1 to R2
LL
××
H
H
Standby mode 1 (DC/DC converter is stopped)
LH
L
×
HH
Standby mode 2 (DC/DC converter is stopped, R3
and R4 are operated)
LH
H
×
LH
Standby mode 2 (DC/DC converter is stopped, R3
and R4 are operated)
H
×
L
H
Mark level input
H
×
H
L
Space level input
3 V
↔ 5 V switchingNote 5
VCHA
Operating mode
L
5 V mode (double step-up)
H
3 V mode (3 times step-up)
H: high-level, L: low-level, Z: high-impedance,
×: H or L
Note 5. When switching VCHA, standby mode must be selected (STBY = L).


Similar Part No. - UPD4722

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4722 RENESAS-UPD4722 Datasheet
360Kb / 18P
   MOS INTEGRATED CIRCUIT
1993
UPD4722GS-GJG RENESAS-UPD4722GS-GJG Datasheet
360Kb / 18P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD4722

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4723 NEC-UPD4723 Datasheet
125Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4724 NEC-UPD4724 Datasheet
140Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4721 NEC-UPD4721 Datasheet
123Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
logo
Texas Instruments
SN75LV4737A TI1-SN75LV4737A_08 Datasheet
415Kb / 17P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3101E AD-ADM3101E Datasheet
164Kb / 10P
   3.3 V, Single Channel RS-232 Line Driver/Receiver
Rev. PrD
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
logo
Texas Instruments
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com