Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4022 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4022
Description  TVS short pulse dynamic resistance measurement and correlation with TVS clamping voltage during ESD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4022 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4022 Datasheet HTML 6Page - STMicroelectronics AN4022 Datasheet HTML 7Page - STMicroelectronics AN4022 Datasheet HTML 8Page - STMicroelectronics AN4022 Datasheet HTML 9Page - STMicroelectronics AN4022 Datasheet HTML 10Page - STMicroelectronics AN4022 Datasheet HTML 11Page - STMicroelectronics AN4022 Datasheet HTML 12Page - STMicroelectronics AN4022 Datasheet HTML 13Page - STMicroelectronics AN4022 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Predicted results versus measured results
AN4022
10/15
DocID022589 Rev 2
Figure 14. Measurements and predicted values for 30 ns clamping value
Figure 15. Measurements and predicted values for 60 ns clamping value
Figure 13 shows the predicted results for the first spike voltage are far from the measured
values. In fact, the dl/dt during the first spike is very high, between 10 A/ns up to 80 A/ns
(the current rise time is around 0.75 ns). If we represent the
V between the measured and
the calculated
values versus the dl/dt, we get the curve in Figure 16. From this curve,
we can extract the value, shown in Figure 17. This value is near a constant, equal to the
parasitic inductance of the measurement loop (board, ground etc), in this case around
0.5 nH.
V
CL
(V)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
101214
16
Predicted 30 ns Min
Predicted 30 ns Typ
Predicted 30ns Max
Measured 30 ns
Breakdown
V
PP
(KV)
0
2
4
6
8
10
12
14
16
18
20
02
46
8
10
12
14
16
Predicted 60 ns Min
Predicted 60 ns Typ
Predicted 60ns Max
Measured 60 ns
Breakdown
V
PP
(KV)
V
CL
(V)
V
dl/dt
Δ


Similar Part No. - AN4022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4021 STMICROELECTRONICS-AN4021 Datasheet
126Kb / 10P
   Calculation of reverse losses in a power diode
logo
Freescale Semiconductor...
AN4025 FREESCALE-AN4025 Datasheet
2Mb / 31P
   Implementing a Glucometer and Blood Pressure Monitor Medical Devices
logo
STMicroelectronics
AN4026 STMICROELECTRONICS-AN4026 Datasheet
994Kb / 40P
   using the L6563H and L6699
AN4027 STMICROELECTRONICS-AN4027 Datasheet
2Mb / 41P
   This application note describes the EVL6699-150W-SR demonstration
More results

Similar Description - AN4022

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMDA33CDN LEIDITECH-SMDA33CDN Datasheet
1Mb / 5P
   LOW CLAMPING VOLTAGE TVS DIODE
ESD3364T6 LEIDITECH-ESD3364T6 Datasheet
802Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD3365T6 LEIDITECH-ESD3365T6 Datasheet
756Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESDA05C-4 LEIDITECH-ESDA05C-4 Datasheet
1Mb / 7P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD0564T6 LEIDITECH-ESD0564T6 Datasheet
714Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
SDC12DT3 LEIDITECH-SDC12DT3 Datasheet
325Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
SMDA36C LEIDITECH-SMDA36C Datasheet
694Kb / 4P
   Low Clamping Voltage TVS Diode Array
Rev : 01.06.2015
ESD0565T6 LEIDITECH-ESD0565T6 Datasheet
677Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
logo
Texas Instruments
BQ27621-G1 TI1-BQ27621-G1_16 Datasheet
1Mb / 26P
[Old version datasheet]   System-Side Fuel Gauge With Dynamic Voltage Correlation
logo
Alpha & Omega Semicondu...
AOZ8S502BS2-03 AOSMD-AOZ8S502BS2-03 Datasheet
417Kb / 5P
   2-Channel Bidiretional Low Clamping Voltage TVS
Rev. 1.0 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com