Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC7WZ08FK Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIC7WZ08FK
Description  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ08FK Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIC7WZ08FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ08FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ08FK Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 3. 7
3/3
KIC7WZ08FK
Revision No : 1
ELECTRICAL CHARACTERISTICS
DC Characteristics
AC Characteristics (unless otherwise specified, Input : tr=tf=3ns)
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25
Ta=-40~85
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Input
Voltage
High Level
VIH
-
1.65~1.95
0.75
VCC
-
-
0.75
VCC
-
V
2.3~5.5 0.7 VCC
-
-
0.7 VCC
-
Low Level
VIL
-
1.65~1.95
-
-
0.25
VCC
-
0.25
VCC
2.3~5.5
-
-
0.3 VCC
-
0.3 VCC
Output
Voltage
High Level
VOH
VIN=
VIH or VIL
IOH=-100 A
1.65
1.55
1.65
-
1.55
-
V
2.3
2.2
2.3
-
2.2
-
3.0
2.9
3.0
-
2.9
-
4.5
4.4
4.5
-
4.4
-
IOH=-4mA
1.65
1.29
1.52
-
1.29
-
IOH=-8mA
2.3
1.9
2.15
-
1.9
-
IOH=-16mA
3.0
2.4
2.8
-
2.4
-
IOH=-24mA
3.0
2.3
2.68
-
2.3
-
IOH=-32mA
4.5
3.8
4.2
-
3.8
-
Low Level
VOL
VIN=VIL
IOH=100 A
1.65
-
0
0.1
-
0.1
V
2.3
-
0
0.1
-
0.1
3.0
-
0
0.1
-
0.1
4.5
-
0
0.1
-
0.1
IOH=4mA
1.65
-
0.08
0.24
-
0.24
IOH=8mA
2.3
-
0.1
0.3
-
0.3
IOH=16mA
3.0
-
0.15
0.4
-
0.4
IOH=24mA
3.0
-
0.22
0.55
-
0.55
IOH=32mA
4.5
-
0.22
0.55
-
0.55
Input Leakage Current
IIN
VIN=5.5V or GND
0~5.5
-
-
1
-
10
A
Power Off Leakage Current
IOFF
VIN or VOUT=5.5V
0.0
-
-
1
-
10
A
Quiescent Supply Current
ICC
VIN=5.5V or GND
1.65~5.5
-
-
1
-
10
A
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25
Ta=-40~85
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Propagation delay time
tPLH
tPHL
CL=15pF, RL=1M
1.8 0.15
2.0
5.7
10.5
2.0
11.0
ns
2.5 0.2
1.0
3.5
5.8
1.0
6.2
3.3 0.3
0.8
2.6
3.9
0.8
4.3
5.0 0.5
0.5
1.9
3.1
0.5
3.3
CL=50pF, RL=500
3.3 0.3
1.2
3.2
4.8
1.2
5.2
ns
5.0 0.5
0.8
2.5
3.7
0.8
4.0
Input Capacitance
CIN
-
0~5.5
-
3.0
-
-
-
pF
Power Dissipation
Capacitance
CPD
(Note)
3.3
-
22
-
-
-
pF
5.5
-
37
-
-
-
Note : CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption
without load. Average operating current can be obtained by the equation : ICC(opr)=CPD VCC fIN+ICC/2


Similar Part No. - KIC7WZ08FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
More results

Similar Description - KIC7WZ08FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SZ08FU KEC-KIC7SZ08FU Datasheet
211Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7SH08FU KEC-KIC7SH08FU Datasheet
247Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
KIC7S08FU KEC-KIC7S08FU Datasheet
284Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
logo
Toshiba Semiconductor
TC7WH08FC TOSHIBA-TC7WH08FC Datasheet
149Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC74ACT08P TOSHIBA-TC74ACT08P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
TC74HC08AP TOSHIBA-TC74HC08AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
TC7WG08FC TOSHIBA-TC7WG08FC Datasheet
177Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC7WG08FU TOSHIBA-TC7WG08FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input AND Gate
TC7WH08FU TOSHIBA-TC7WH08FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT AND GATE
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com