Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4004S Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # 1N4004S
Description  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

1N4004S Datasheet(HTML) 1 Page - Compact Technology Corp.

  1N4004S Datasheet HTML 1Page - Compact Technology Corp. 1N4004S Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Thermal Resistance Junction to Ambient.
VRMS
VDC
VRRM
I(AV)
3.Thermal Resistance Junction to Case at 9.5mm Lead Length.PCB Mounted JEDEC Registered Value.
PLASTIC SILICON RECTIFIERS
FEATURES
Low cost
Diffused junction
Low forward voltage drop
Low reverse leakage current
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic
Polarity : Color band denotes cathode
Weight : 0.012 ounces, 0.34 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
1N4003
S
200
140
200
1N4001
S
50
35
50
1N4007
S
1000
700
1000
1N4002
S
100
70
100
1N4006
S
800
560
800
1N4005
S
600
420
600
1N4004
S
400
280
400
Maximum Average Forward
Rectified Current
@TA
=75 C
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
1.0
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +1
50
C
Typical Thermal Resistance (Note 2)
R0JA
35
C/W
CJ
Typical Junction
Capacitance (Note 1)
15
pF
IR
@TJ=100 C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25 C
5
50
uA
VF
Maximum forward Voltage at 1.0A DC
1.1
V
IFSM
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
30
A
A
V
UNIT
V
V
All Dimensions in millimeter
Max.
Min.
A-405
Dim.
A
D
C
B
25.4
5.20
-
4.20
0.
50
2.00
2.70
0.
60
A-405
A
C
D
A
B
CHARACTERISTICS
SYMBOL
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
1N4001S thru 1N4007S
1 of 2
1N4001
S thru 1N4007S


Similar Part No. - 1N4004S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N4004S DIOTEC-1N4004S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Pan Jit International I...
1N4004S PANJIT-1N4004S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotech Company.
1N4004S DIOTECH-1N4004S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4004S TSC-1N4004S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
First Silicon Co., Ltd
1N4004S FS-1N4004S Datasheet
597Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
More results

Similar Description - 1N4004S

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com