Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1304-3.3 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1304-3.3
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304-3.3 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1304-3.3_15 Datasheet HTML 5Page - Linear Technology LT1304-3.3_15 Datasheet HTML 6Page - Linear Technology LT1304-3.3_15 Datasheet HTML 7Page - Linear Technology LT1304-3.3_15 Datasheet HTML 8Page - Linear Technology LT1304-3.3_15 Datasheet HTML 9Page - Linear Technology LT1304-3.3_15 Datasheet HTML 10Page - Linear Technology LT1304-3.3_15 Datasheet HTML 11Page - Linear Technology LT1304-3.3_15 Datasheet HTML 12Page - Linear Technology LT1304-3.3_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1304/LT1304-3.3/LT1304-5
OPERATIO
VLBO
2V/ DIV
VLBI
200mV/DIV
1304 F08
LOAD CURRENT (mA)
1
100 200
1304 F10
10
1000
100
10
1
Figure 10. Battery Life vs Load Current. Dots Specify
Actual Measurements
LOAD CURRENT (mA)
1
6
5
4
3
2
1
0
10
100
1304 F11
200
Figure 11. Output Watt Hours vs Load Current. Note
Rapid Fall-Off at Higher Discharge Rates
Figure 8. Low-Battery Detector Transfer Function.
Pull-Up R = 22k, VIN = 2V, Sweep Frequency = 10Hz
VIN
SW
GND
ILIM
SENSE
SHDN
LB0
LB1
LT1304-5
C2
100
µF
C1
100
µF
B1
2 CELLS
L1
22
µH
D1
VOUT
5V
200mA
B1 = 2
× EVEREADY INDUSTRIAL
ALKALINE AA CELLS #EN91
C1, C2 = AVX TPSD107M010R0100
D1 = MOTOROLA MBRS130L
L1 = SUMIDA CD54-220
1304 F09
+
+
Figure 9. 2-Cell to 5V Converter Used in Battery Life Study
Battery Life
How may hours does it work? This is the bottom line
question that must be asked of any efficiency study. AA
alkaline cells are not perfect power sources. For efficient
power transfer, energy must be taken from AA cells at a
rate that does not induce excessive loss. AA cells internal
impedance, about 0.2
Ωfreshand0.5Ωend-of-life,results
in significant efficiency loss at high discharge rates. Figure
10 illustrates battery life vs load current of Figure 9’s
LT1304, 2-cell to 5V DC/DC converter. Note the acceler-
ated decrease in hours at higher power levels. Figure 11
plots total watt hours vs load current. Watt hours are
determined by the following formula:
WH = ILOAD(5V)(H)
Figure 11’s graph varies significantly from electrical effi-
ciency plot pictured on the first page of this data sheet.
Why? As more current is drawn from the battery, voltage
drop across the cells’ internal impedance increases. This
causes internal power loss (heating), reducing cell termi-
nal voltage. Since the regulator input acts as a negative
resistance, more current is drawn from the battery as the
terminal voltage decreases. This positive feedback action
compounds the problem.


Similar Part No. - LT1304-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304-3.3 LINER-LT1304-3.3 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
More results

Similar Description - LT1304-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304 LINER-LT1304_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com