Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1313 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1313
Description  Dual PCMCIA VPP Driver/Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1313 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1313 Datasheet HTML 4Page - Linear Technology LT1313 Datasheet HTML 5Page - Linear Technology LT1313 Datasheet HTML 6Page - Linear Technology LT1313 Datasheet HTML 7Page - Linear Technology LT1313 Datasheet HTML 8Page - Linear Technology LT1313 Datasheet HTML 9Page - Linear Technology LT1313 Datasheet HTML 10Page - Linear Technology LT1313 Datasheet HTML 11Page - Linear Technology LT1313 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1313
TYPICAL APPLICATIONS
Dual Slot PCMCIA Interface to “365” Type Controller
VPP1
VPP2
PCMCIA
CARD SLOT
#1
VCC
VPP1
VPP2
PCMCIA
CARD SLOT
#2
VCC
5V
ASENSE
AVPPOUT
GND
GND
LT1313
VS
VS
AVALID
AEN0
AEN1
BSENSE
BVPPOUT
BVALID
BEN0
BEN1
13V
TO 20V
3.3V/5V
3.3V/5V
51k
VLOGIC
3.3V
10
µF
+
1
µF
A_VPP_EN0
A_VPP_EN1
A:GP1
B_VPP_EN0
A_VCC_EN0
A_VCC_EN1
B_VCC_EN0
B_VCC_EN1
B_VPP_EN1
B:GP1
“365” TYPE
CONTROLLER
51k
Q3
Si9956DY
Q2
Si9956DY
+
1
µF
0.1
µF
+
10
µF
+
G1
G2
GND
LTC1157CS8
VS
IN1
IN2
5V
Q1
1/2 Si9956DY
1313 TA03
5V
3.3V
Q4
1/2 Si9956DY
Q6
Si9956DY
Q5
Si9956DY
G1
G2
GND
LTC1157CS8
VS
IN1
IN2
5V


Similar Part No. - LT1313

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1313 LINER-LT1313 Datasheet
252Kb / 12P
   Dual PCMCIA VPP Driver/Regulator
LT1313CS LINER-LT1313CS Datasheet
252Kb / 12P
   Dual PCMCIA VPP Driver/Regulator
More results

Similar Description - LT1313

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1313 LINER-LT1313 Datasheet
252Kb / 12P
   Dual PCMCIA VPP Driver/Regulator
LT1312 LINER-LT1312_15 Datasheet
240Kb / 12P
   Single PCMCIA VPP Driver/Regulator
LT1312 LINER-LT1312 Datasheet
259Kb / 12P
   Single PCMCIA VPP Driver/Regulator
logo
Micrel Semiconductor
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
   PCMCIA Card Socket VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com