Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1304 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1304
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304 Datasheet(HTML) 3 Page - Linear Technology

  LT1304 Datasheet HTML 1Page - Linear Technology LT1304 Datasheet HTML 2Page - Linear Technology LT1304 Datasheet HTML 3Page - Linear Technology LT1304 Datasheet HTML 4Page - Linear Technology LT1304 Datasheet HTML 5Page - Linear Technology LT1304 Datasheet HTML 6Page - Linear Technology LT1304 Datasheet HTML 7Page - Linear Technology LT1304 Datasheet HTML 8Page - Linear Technology LT1304 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1304/LT1304-3.3/LT1304-5
VIN = 2V, VSHDN = 2V unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
The q denotes specifications which apply over the 0
°C to 70°C operating
temperature range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Saturation Voltage
ISW = 1A
0.37
V
ISW = 700mA
q
0.26
0.35
V
Switch Leakage
Switch Off, VSW = 5V
q
0.01
7
µA
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
–25
050
25
75
100
1304 G03
8
7
6
5
4
3
2
1
0
MAXIMUM ON-TIME
OFF-TIME
On- and Off-Times
Supply Current
SWITCH CURRENT (A)
0
500
400
300
200
100
0
0.2
0.4
0.6
0.8
1304 G01
1.0
1.2
TA = 25°C
TEMPERATURE (
°C)
–50
0
4
6
8
10
12
14
–25
0
25
50
1304 G05
75
16
18
20
2
100
Feedback Pin Bias Current
Feedback Voltage
TEMPERATURE (
°C)
–50
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
1.210
1.205
1.200
–25
025
50
1304 G04
75
100
TEMPERATURE (
°C)
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
1304 G02
–50
–25
0
25
50
75
100
Peak Switch Current Limit
Switch Saturation Voltage
INPUT VOLTAGE (V)
01
3
5
7
24
6
8
1304 G06
300
250
200
150
100
50
0
VSHDN = VIN
NOT SWITCHING
VSHDN = 0V
TA = 25°C


Similar Part No. - LT1304

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
logo
Linear Technology
LT1304-3.3 LINER-LT1304-3.3 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
More results

Similar Description - LT1304

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com