Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1304 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1304
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1304 Datasheet HTML 4Page - Linear Technology LT1304 Datasheet HTML 5Page - Linear Technology LT1304 Datasheet HTML 6Page - Linear Technology LT1304 Datasheet HTML 7Page - Linear Technology LT1304 Datasheet HTML 8Page - Linear Technology LT1304 Datasheet HTML 9Page - Linear Technology LT1304 Datasheet HTML 10Page - Linear Technology LT1304 Datasheet HTML 11Page - Linear Technology LT1304 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1304/LT1304-3.3/LT1304-5
OPERATIO
If the full power capability of the LT1304 is not required,
peak switch current can be limited by connecting a resistor
RLIM from the ILIM pin to ground. With RLIM = 22k, peak
switch current is reduced to approximately 500mA. Smaller
power components can then be used. The graph in Figure
6 shows switch current vs RLIM resistor value.
VSHDN
10V/DIV
IIN
500mA/DIV
bypass capacitor is required. If the input supply is close to
the IC, a 1
µF ceramic capacitor can be used instead. The
LT1304 switches current in 1A pulses, so a low impedance
supply must be available. If the power source (for example,
a 2 AA cell battery) is within 1 or 2 inches of the IC, the
battery itself provides bulk capacitance and the 1
µF ce-
ramic capacitor acts to smooth voltage spikes at switch
turn-on and turn-off. If the power source is far away from
the IC, inductance in the power source leads results in high
impedance at high frequency. A local high capacitance
bypass is then required to restore low impedance at the IC.
Figure 5. Start-Up Response with 1
µF/1MΩ Components
in Figure 2 Added. Input Current Is More Controlled. VOUT
Reaches 5V in 6ms. Output Drives 20mA Load
Layout/Input Bypassing
The LT1304’s high speed switching mandates careful
attention to PC board layout. Suggested component place-
ment is shown in Figure 7. The input supply must have low
impedance at AC and the input capacitor should be placed
as indicated in the figure. The value of this capacitor
depends on how close the input supply is to the IC. In
situations where the input supply is more than a few
inches away from the IC, a 47
µF to 100µF solid tantalum
Figure 6. Peak Switch Current vs RLIM Value
RLIM (kΩ)
10
1000
900
800
700
600
500
400
100
1000
1304 F06
Low-Battery Detector
The LT1304 contains an independent low-battery detector
that remains active when the device is shut down. This
detector, actually a hysteretic comparator, has an open
collector output that can sink up to 500
µA. The compara-
tor also operates below the switcher’s undervoltage lock-
out threshold, operating until VIN reaches approximately
1.4V. Figure 8 illustrates the input/output characteristic of
the detector. Hysteresis is clearly evident in the figure.
Figure 7. Suggested Layout for Best Performance. Input
Capacitor Placement as Shown Is Highly Recommended.
Switch Trace (Pin 4) Copper Area Is Minimized
1304 F07
8
7
6
5
4
3
2
1
LT1304
COUT
SHUTDOWN
VOUT
VIN
CIN
GND (BATTERY AND LOAD RETURN)
1ms/DIV
1304 F05
VOUT
2V/DIV


Similar Part No. - LT1304

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
logo
Linear Technology
LT1304-3.3 LINER-LT1304-3.3 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
More results

Similar Description - LT1304

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com