Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA677TB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PA677TB
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA677TB Datasheet(HTML) 4 Page - Renesas Technology Corp

  PA677TB_15 Datasheet HTML 1Page - Renesas Technology Corp PA677TB_15 Datasheet HTML 2Page - Renesas Technology Corp PA677TB_15 Datasheet HTML 3Page - Renesas Technology Corp PA677TB_15 Datasheet HTML 4Page - Renesas Technology Corp PA677TB_15 Datasheet HTML 5Page - Renesas Technology Corp PA677TB_15 Datasheet HTML 6Page - Renesas Technology Corp PA677TB_15 Datasheet HTML 7Page - Renesas Technology Corp PA677TB_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet G16598EJ1V0DS
2
µµµµPA677TB
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 20.0 V, VGS = 0 V
1.0
µA
Gate Leakage Current
IGSS
VGS =
±12.0 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10.0 V, ID = 1.0 mA
0.5
1.0
1.5
V
Forward Transfer Admittance
Note
| yfs |VDS = 10.0 V, ID = 0.30 A
0.25
0.75
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS = 4.5 V, ID = 0.30 A
0.38
0.57
RDS(on)2
VGS = 4.0 V, ID = 0.30 A
0.41
0.60
RDS(on)3
VGS = 2.5 V, ID = 0.15 A
0.60
0.88
Input Capacitance
Ciss
VDS = 10.0 V
28
pF
Output Capacitance
Coss
VGS = 0 V
11
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
7
pF
Turn-on Delay Time
td(on)
VDD = 10.0 V, ID = 0.30 A
20
ns
Rise Time
tr
VGS = 4.0 V
51
ns
Turn-off Delay Time
td(off)
RG = 10
94
ns
Fall Time
tf
87
ns
Body Diode Forward Voltage
Note
VF(S-D)
IF = 0.35 A, VGS = 0 V
0.84
V
Note Pulsed PW
≤350
µs, Duty Cycle≤2%
TEST CIRCUIT SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - PA677TB_15

ManufacturerPart #DatasheetDescription
logo
NEC
PA671WG NEC-PA671WG Datasheet
585Kb / 2P
   NEC Professional Installation Projector
logo
Renesas Technology Corp
PA678TB RENESAS-PA678TB_15 Datasheet
196Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA679TB RENESAS-PA679TB_15 Datasheet
278Kb / 12P
   N/P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA677TB_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com