Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC7SZ38FU Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIC7SZ38FU
Description  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7SZ38FU Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIC7SZ38FU Datasheet HTML 1Page - KEC(Korea Electronics) KIC7SZ38FU Datasheet HTML 2Page - KEC(Korea Electronics) KIC7SZ38FU Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2002. 5. 13
1/3
SEMICONDUCTOR
TECHNICAL DATA
KIC7SZ38FU
SILICON MONOLITHIC CMOS
DIGITAL INTEGRATED CIRCUIT
Revision No : 0
2 INPUT NAND GATE (Open Drain Output)
FEATURES
・Open Drain Output Stage for OR tied application.
・Super High Speed : 2.4ns(Typ.) 50pF at VCC=5V.
・High Output Sink Drive : 24mA at VCC=3V.
・Operating Voltage Range : VCC(opr)=1.65~5.5V.
・Power Down High Impedance Inputs/Outputs.
DIM
MILLIMETERS
A
B
D
G
USV
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
5
4
1.3 0.1
A1
+_
+_
+_
+_
+_
MAXIMUM RATINGS (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Supply Voltage Range
VCC
-0.5~6
V
DC Input Voltage
VIN
-0.5~6
V
DC Output Voltage
VOUT
-0.5~6
V
Input Diode Current
IIK
-50~20
mA
Output Diode Current
IOK
-50~20
mA
DC Output Current
IOUT
50
mA
DC VCC/Ground Current
ICC
±
50
mA
Power Dissipation
PD
200
mW
Storage Temperature Range
Tstg
-65~150
Lead Temperature (10s)
TL
260
MARKING
T N
Type Name
PIN CONNECTION(TOP VIEW)
1
2
3
4
5
VCC
OUT Y
IN B
IN A
GND


Similar Part No. - KIC7SZ38FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SZ32FU KEC-KIC7SZ32FU Datasheet
30Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results

Similar Description - KIC7SZ38FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
logo
KEC(Korea Electronics)
KIC7W00FK KEC-KIC7W00FK Datasheet
253Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74HC00AP TOSHIBA-TC74HC00AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC7WH00FU TOSHIBA-TC7WH00FU_01 Datasheet
227Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com