Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1764 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PA1764
Description  SWITCHING DUAL N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1764 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PA1764_15 Datasheet HTML 2Page - Renesas Technology Corp PA1764_15 Datasheet HTML 3Page - Renesas Technology Corp PA1764_15 Datasheet HTML 4Page - Renesas Technology Corp PA1764_15 Datasheet HTML 5Page - Renesas Technology Corp PA1764_15 Datasheet HTML 6Page - Renesas Technology Corp PA1764_15 Datasheet HTML 7Page - Renesas Technology Corp PA1764_15 Datasheet HTML 8Page - Renesas Technology Corp PA1764_15 Datasheet HTML 9Page - Renesas Technology Corp PA1764_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet G14329EJ2V0DS
6
µµµµPA1764
0.1
1
10
100
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
L - Inductive Load - H
RG = 25
VDD = 30 V
VGS = 20
0 V
Starting Tch = 25˚C
10
100
1 m
10 m
IAS = 7 A
E
AS = 98
mJ
SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting Tch - Starting Channel Temperature - ˚C
0
25
50
75
100
125
150
20
40
60
80
100
120
RG = 25
VDD = 30 V
VGS = 20
0 V
IAS
7 A


Similar Part No. - PA1764_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA1760 RENESAS-PA1760_15 Datasheet
203Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PA1763 RENESAS-PA1763_15 Datasheet
205Kb / 10P
   SWITCHING DUAL N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Pulse A Technitrol Comp...
PA1769NL PULSE-PA1769NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
More results

Similar Description - PA1764_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1763 NEC-UPA1763 Datasheet
69Kb / 8P
   SWITCHING DUAL N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1764 NEC-UPA1764 Datasheet
38Kb / 4P
   SWITCHING DUAL N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
PA1763 RENESAS-PA1763_15 Datasheet
205Kb / 10P
   SWITCHING DUAL N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com