Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC4092 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PC4092
Description  J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC4092 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PC4092_15 Datasheet HTML 4Page - Renesas Technology Corp PC4092_15 Datasheet HTML 5Page - Renesas Technology Corp PC4092_15 Datasheet HTML 6Page - Renesas Technology Corp PC4092_15 Datasheet HTML 7Page - Renesas Technology Corp PC4092_15 Datasheet HTML 8Page - Renesas Technology Corp PC4092_15 Datasheet HTML 9Page - Renesas Technology Corp PC4092_15 Datasheet HTML 10Page - Renesas Technology Corp PC4092_15 Datasheet HTML 11Page - Renesas Technology Corp PC4092_15 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet G13905EJ2V0DS
7
µPC4092
ITEM
B
C
I
8-PIN PLASTIC SOP (5.72 mm (225))
D
E
F
G
H
J
P
MILLIMETERS
1.27 (T.P.)
0.78 MAX.
4.4
±0.15
0.1
±0.1
0.42
1.59
±0.21
6.5
±0.3
1.49
+0.08
−0.07
1.1
±0.2
3
°+7°
−3°
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
A
5.2 +
0.17
−0.20
K
L
M
N
0.6
±0.2
0.17
0.12
0.10
+0.08
−0.07
S8GM-50-225B-6
85
1
4
S
M
C
detail of lead end
A
M
S
N
F
G
B
E
D
P
H
I
J
K
L


Similar Part No. - PC4092_15

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PC409-O P-TEC-PC409-O Datasheet
234Kb / 2P
   PRODUCT SPECIFICATION
More results

Similar Description - PC4092_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4094 NEC-UPC4094 Datasheet
89Kb / 12P
   J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
   J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
   J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC811 NEC-UPC811 Datasheet
391Kb / 10P
   J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
NEC Corporation 1987
UPC4091 NEC-UPC4091 Datasheet
87Kb / 12P
   J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
   High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
logo
NEC
UPC812 NEC-UPC812 Datasheet
401Kb / 10P
   DUAL J-FET INPUT LOW-OFFSET OPRERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
   High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
NEC
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
   J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
logo
Renesas Technology Corp
PC4082 RENESAS-PC4082_15 Datasheet
264Kb / 11P
   J-FET INPUT DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com