Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC4074 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PC4074
Description  J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC4074 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PC4074_15 Datasheet HTML 2Page - Renesas Technology Corp PC4074_15 Datasheet HTML 3Page - Renesas Technology Corp PC4074_15 Datasheet HTML 4Page - Renesas Technology Corp PC4074_15 Datasheet HTML 5Page - Renesas Technology Corp PC4074_15 Datasheet HTML 6Page - Renesas Technology Corp PC4074_15 Datasheet HTML 7Page - Renesas Technology Corp PC4074_15 Datasheet HTML 8Page - Renesas Technology Corp PC4074_15 Datasheet HTML 9Page - Renesas Technology Corp PC4074_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
G15206EJ5V0DS
4
µPC4074
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25°C, TYP.)
−5
−4
−3
−2
−1
0
0.01
0.1
1.0
10
100
1
2
3
4
5
0
20
40
60
80
100
120
±10
±20
−40
−20
0
20
TA - Operating Ambient Temperature -
°C
INPUT OFFSET VOLTAGE
INPUT BIAS CURRENT
TA - Operating Ambient Temperature -
°C
40
60
80
1
−20
0
20406080
100
10 k
1 M
1 k
10
100 k
10 M
RL = 10 k
TA - Operating Ambient Temperature -
°C
f - Frequency - Hz
V± - Supply Voltage - V
LARGE SIGNAL FREQUENCY RESPONSE
OUTPUT VOLTAGE SWING
f - Frequency - Hz
POWER DISSIPATION
OPEN LOOP FREQUENCY RESPONSE
V± =
±15 V
RL = 2 k
V± =
±15 V
V± =
±15 V
40
0
30
20
10
800
600
400
200
0
20
40
60
80
100
132
°C/W
182
°C/W
PC4074G2
µ
PC4074C
µ
0
10
20
30
100
1 k
10 k
100 k
1 M
10 M
V=
±15 V
RL = 10 k
±
V=
±10 V
±
V=
±5 V
±
each 5 samples data


Similar Part No. - PC4074_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC4072MF-DAA-E1-AT RENESAS-PC4072MF-DAA-E1-AT Datasheet
292Kb / 9P
   J-FET Input Low-Noise Dual Operational amplifier
Jul 25, 2012
More results

Similar Description - PC4074_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC824 RENESAS-UPC824 Datasheet
638Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
UTCTL074 UTC-UTCTL074 Datasheet
391Kb / 9P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com