Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LT1217 Datasheet(PDF) 4 Page - Linear Technology

Part No. LT1217
Description  Low Power 10MHz Current Feedback Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1217 Datasheet(HTML) 4 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT1217
4
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Maximum Capacitive Load vs
Total Harmonic Distortion vs
2nd and 3rd Harmonic
Feedback Resistor
Frequency
Distortion vs Frequency
Input Common Mode Limit vs
Output Saturation Voltage vs
Output Short Circuit Current vs
Temperature
Temperature
Temperature
Spot Noise Voltage and Current vs
Power Supply Rejection vs
Output Impedance vs
Frequency
Frequency
Frequency
PACKAGE TEMPERATURE (°C)
–50
V–
1.0
2.0
3.0
–2.0
–1.0
V+
0
25
75
125
LT1217 • TPC13
–25
50
100
–3.0
V+ = +5V TO +18V
V– = –5V TO –18V
PACKAGE TEMPERATURE (°C)
–50
V–
0.5
1.5
2.0
–1.5
–1.0
V+
0
25
75
125
LT1217 • TPC14
–25
50
100
–2.0
1.0
–0.5
RL = ∞
±5V ≤ V
S ≤ ±18V
FREQUENCY (MHz)
0.01
0.1
1
100
1000
10000
0.1
1
10
LT1217 • TPC18
VS = ±15V
RF = RG = 3k
10
NORMAL
SHUTDOWN
(PIN 8 AT GND)
FREQUENCY (MHz)
0.01
0
20
50
60
70
0.1
1
10
LT1217 • TPC17
10
30
40
POSITIVE
NEGATIVE
VS = ±15V
RL = 100Ω
RF = RG =3k
PACKAGE TEMPERATURE (°C)
–50
40
50
70
90
100
120
0
25
75
125
LT1217 • TPC15
–25
50
100
80
60
110
FREQUENCY (MHz)
0.1
–60
–50
–40
–30
–20
110
LT1217 • TPC12
VS = ±15V
RL = 100Ω
VO = 2Vpp
RF = 3k
AV = 10dB
3RD
2ND
FEEDBACK RESISTOR (k
Ω)
1
10
100
1000
10000
47
10
LT1217 • TPC10
23
5
6
8
9
AV = 2
RL = 1k
PEAKING
≤ 5dB
VS = ±5V
VS = ±15V
FREQUENCY (kHz)
1
10
100
0.01
1
10
100
LT1217 • TPC16
0.1
0.1
en
in–
in+
FREQUENCY (Hz)
0.01
0.1
10
1000
10000
100000
LT1217 • TPC11
0.001
100
VS = ±15V
RL = 400Ω
RF = RG = 3kΩ
VO = 7VRMS
VO = 2VRMS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn