Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1152 Datasheet(PDF) 5 Page - Linear Technology

Part No. LT1152
Description  Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1152 Datasheet(HTML) 5 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1152
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±2.5V
AV = 1
1152 G16
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
–10
10
1k
10k
1M
1152 G14
100
100k
+PSRR
–PSRR
TA = 25°C
FREQUENCY (kHz)
0.01
0.1
1
10
1152 G12
60
50
40
30
20
10
0
–10
–20
–30
–40
180
160
140
120
100
80
60
40
20
0
–20
TA = 25°C
VS = ±2.5V
CCOMP = 0.1µF
PHASE
GAIN
Gain and Phase Shift vs
Frequency
Gain and Phase Shift vs
Frequency
FREQUENCY (Hz)
70
60
50
40
30
20
10
0
–10
–20
120
100
80
60
40
20
0
1k
100k
1M
10M
1152 G10
10k
TA = 25°C
VS = ±2.5V
PIN 5 = NC
PHASE
GAIN
Gain and Phase Shift vs
Frequency
Common-Mode Rejection Ratio vs
Frequency
Power Supply Rejection Ratio vs
Frequency
0.1Hz to 10Hz Input Noise
TIME (SEC)
0
2
1
0
–1
–2
8
1152 G18
2
4
6
10
Voltage Noise vs Frequency
FREQUENCY (Hz)
150
125
100
75
50
25
0
1
100
1k
10k
1152 G15
10
Large-Signal Transient Response
VS = ±2.5V
AV = 1
1152 G17
Small-Signal Transient Response
FREQUENCY (kHz)
110
100
90
80
70
60
50
40
30
0.1
10
100
1000
1152 G13
1
TA = 25°C
VS = ±2.5V
FREQUENCY (Hz)
1k
100k
1M
10M
1152 G11
10k
TA = 25°C
VS = ±2.5V
CCOMP = 1000pF
PHASE
GAIN
70
60
50
40
30
20
10
0
–10
–20
120
100
80
60
40
20
0
–20
–40
–60


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn