Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1152 Datasheet(PDF) 8 Page - Linear Technology

Part No. LT1152
Description  Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1152 Datasheet(HTML) 8 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1152
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1995
LT/GP 0195 10K • PRINTED IN USA
S
APPLICATI
I FOR ATIO
High Gain Amplifier with
±1.5V Supplies
OUT
1.5V
–1.5V
AV = 10k
= 80dB
10
0.1
µF
LTC1152
2
3
7
6
4
+
IN
1152 TA03
100k
High Precision Three-Input MUX
SEL1
OUT
SEL2
SEL3
SELECT INPUTS ARE CMOS LOGIC COMPATIBLE.
SELECT ONLY ONE CHANNEL AT ONCE!
1.1k
LTC1152
2
3
1
6
IN 1
AV = 10
LTC1152
2
3
1
6
IN 2
AV = 1000
LTC1152
2
3
1
6
IN 3
AV = 1
1152 TA04
10k
10
10k
+
+
+
High-Side Power Supply Current Sensing
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
N8 Package
8-Lead Plastic DIP
OUT
1V/100mA
LOAD CURRENT IN
MEASURED CIRCUIT
GND
TO
MEASURED
CIRCUIT
5V
GND
0.01
100
0.1
µF
0.1
µF
LTC1152
3
2
2
3
6
+
LT1097
6
+
1152 TA05
100k
10k
10k
10k
10k
CHANGE SENSE RESISTOR
TO CHANGE SENSITIVITY
N8 0694
0.045
± 0.015
(1.143
± 0.381)
0.100
± 0.010
(2.540
± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.015
(0.380)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
*THESE DIMENSIONS DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTURSIONS SHALL
NOT EXCEED 0.010 INCH (0.254mm).
S8 Package
8-Lead Plastic SOIC
1
2
3
4
0.150 – 0.157*
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
SO8 0294
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
*THESE DIMENSIONS DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL
NOT EXCEED 0.006 INCH (0.15mm).


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn