Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1015-QH Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XR1015-QH
Description  GaAs Receiver QFN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XR1015-QH Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XR1015-QH_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XR1015-QH_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XR1015-QH_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XR1015-QH_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XR1015-QH_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XR1015-QH_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XR1015-QH_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XR1015-QH_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XR1015-QH_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Receiver Measurements
Page 2 of 9
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2009 - Rev 28-Aug-09
10.0-16.0 GHz GaAs Receiver
QFN, 4x4mm
R1015-QH
XR1015-QH: LSB Conv. Gain vs Freq , Over Temp
Vd1,2,3=4V,Id1,2,3=30,60,80mA,Vg4=-3V,IF=2GHz,LO=+5dBm
0
2
4
6
8
10
12
14
16
18
20
22
810
12
14
16
18
Frequency (GHz)
+25C
-40C
+85C
XR1015-QH: USB Conv. Gain vs Freq , Over Temp
Vd1,2,3=4V,Id1,2,3=30,60,80mA,Vg4=-3V,IF=2GHz,LO=+5dBm
0
2
4
6
8
10
12
14
16
18
20
22
8
1012
1416
18
Frequency (GHz)
+25C
-40C
+85C
XR1015-QH: LSB Noise figure vs Freq , Over Temp
Vd1,2,3=4V,Id1,2,3=30,60,80mA,Vg4=-3V,IF=2GHz,LO=+5dBm
0
1
2
3
4
5
6
7
8
8
1012141618
Frequency (GHz)
+25C
-40C
+85C
XR1015-QH: USB Noise figure vs Freq , Over Temp
Vd1,2,3=4V,Id1,2,3=30,60,80mA,Vg4=-3V,IF=2GHz,LO=+5dBm
0
1
2
3
4
5
6
7
8
8
101214
16
18
Frequency (GHz)
+25C
-40C
+85C
XR1015-QH: LSB IIP3 vs Freq , Over Temp
Vd1,2,3=4V,Id1,2,3=30,60,80mA,Vg4=-3V,IF=2GHz,LO=+5dBm
Pin/tone=-20dBm
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
8
1012
1416
18
Frequency (GHz)
+25C
-40C
+85C
XR1015-QH: USB IIP3 vs Freq , Over Temp
Vd1,2,3=4V,Id1,2,3=30,60,80mA,Vg4=-3V,IF=2GHz,LO=+5dBm
Pin/tone=-20dBm
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
8
1012
1416
18
Frequency (GHz)
+25C
-40C
+85C


Similar Part No. - XR1015-QH_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
More results

Similar Description - XR1015-QH_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1011-QH MIMIX-XR1011-QH Datasheet
433Kb / 7P
   4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
XR1015-QH MIMIX-XR1015-QH Datasheet
465Kb / 9P
   10.0-16.0 GHz GaAs Receiver QFN, 4x4mm
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD_07 Datasheet
619Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com